Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH4017 Datasheet (PDF) - ON Semiconductor

MCH4017 Datasheet PDF - ON Semiconductor
Part # MCH4017
Download  MCH4017 Download
File Size   291.39 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor

MCH4017 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCH4017 Datasheet PDF - ON Semiconductor

Part # MCH4017
Download  MCH4017 Click to download

File Size   291.39 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor

MCH4017 Datasheet (HTML) - ON Semiconductor


MCH4017 Product details

RF Transistor
12V, 100mA, fT=10GHz, NPN Single MCPH4

Features
• Low-noise use : NF=1.2dB typ (f=1GHz)
• High cut-off frequency : fT=10GHz typ (VCE=5V)
• High gain : |S21e|2=17dB typ (f=1GHz)
• Halogen free compliance




Similar Part No. - MCH4017

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
MCH4017 SANYO-MCH4017 Datasheet
83Kb / 9P
High-Frequency Low-Noise Amplifier
More results


Similar Description - MCH4017

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF199 MOTOROLA-BF199 Datasheet
144Kb / 6P
RF Transistor
BF224 MOTOROLA-BF224 Datasheet
145Kb / 6P
RF Transistor
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_10 Datasheet
234Kb / 5P
RF TRANSISTOR
MPSH10A UTC-MPSH10A_11 Datasheet
119Kb / 4P
RF TRANSISTOR
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
RF TRANSISTOR
logo
ON Semiconductor
2SC5551A ONSEMI-2SC5551A Datasheet
299Kb / 6P
RF Transistor
August, 2013
CPH6003A ONSEMI-CPH6003A Datasheet
520Kb / 7P
RF Transistor
August, 2013
CPH6020 ONSEMI-CPH6020 Datasheet
505Kb / 6P
RF Transistor
August, 2013
MCH4016 ONSEMI-MCH4016 Datasheet
291Kb / 10P
RF Transistor
August, 2013
NSVF3007SG3 ONSEMI-NSVF3007SG3_17 Datasheet
491Kb / 10P
RF Transistor
May 2017 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com