Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS4926NE Datasheet (PDF) - ON Semiconductor

NTMFS4926NE Datasheet PDF - ON Semiconductor
Part # NTMFS4926NE
Download  NTMFS4926NE Download
File Size   112.72 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single N?묬hannel Power MOSFET

NTMFS4926NE Datasheet (PDF)

Go To PDF Page Download Datasheet
NTMFS4926NE Datasheet PDF - ON Semiconductor

Part # NTMFS4926NE
Download  NTMFS4926NE Click to download

File Size   112.72 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single N?묬hannel Power MOSFET

NTMFS4926NE Datasheet (HTML) - ON Semiconductor


NTMFS4926NE Product details

Power MOSFET
30 V, 44 A, Single N−Channel, SO−8 FL

Features
• Low RDS(on) to Minimize Conduction Losses
• Low Capacitance to Minimize Driver Losses
• Optimized Gate Charge to Minimize Switching Losses
• Dual Sided Cooling Capability
• Optimized for 5 V, 12 V Gate Drives
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Applications
• CPU Power Delivery
• DC−DC Converters




Similar Part No. - NTMFS4926NE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4926N ONSEMI-NTMFS4926N Datasheet
118Kb / 7P
Power MOSFET 30 V, 44 A, Single N?묬hannel, SO?? FL
May, 2012 ??Rev. 5
NTMFS4926NT1G ONSEMI-NTMFS4926NT1G Datasheet
118Kb / 7P
Power MOSFET 30 V, 44 A, Single N?묬hannel, SO?? FL
May, 2012 ??Rev. 5
NTMFS4926NT3G ONSEMI-NTMFS4926NT3G Datasheet
118Kb / 7P
Power MOSFET 30 V, 44 A, Single N?묬hannel, SO?? FL
May, 2012 ??Rev. 5
More results


Similar Description - NTMFS4926NE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com