Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAF-BSG Datasheet (PDF) - DOMINANT Semiconductors

NAF-BSG Datasheet PDF - DOMINANT Semiconductors
Part # NAF-BSG
Download  NAF-BSG Download
File Size   775.99 Kbytes
Page   14 Pages
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors
Description Super high brightness surface mount LED

NAF-BSG Datasheet (PDF)

Go To PDF Page Download Datasheet
NAF-BSG Datasheet PDF - DOMINANT Semiconductors

Part # NAF-BSG
Download  NAF-BSG Click to download

File Size   775.99 Kbytes
Page   14 Pages
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors
Description Super high brightness surface mount LED

NAF-BSG Datasheet (HTML) - DOMINANT Semiconductors




Similar Part No. - NAF-BSG

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
NAF20100CT BYTESONIC-NAF20100CT Datasheet
767Kb / 2P
Schottky Barrier Diodes Low Forward Voltage 20 A Total (10A Per Diode Leg)
2018/7/16
logo
NXP Semiconductors
NAFE11148B40BS NXP-NAFE11148B40BS Datasheet
2Mb / 114P
Universal ±25 V 8-Input Low Power AFE
Rev. 4 - 2 April 2024
NAFE11148B40BSE NXP-NAFE11148B40BSE Datasheet
2Mb / 114P
Universal ±25 V 8-Input Low Power AFE
Rev. 4 - 2 April 2024
NAFE11148B40BSK NXP-NAFE11148B40BSK Datasheet
2Mb / 114P
Universal ±25 V 8-Input Low Power AFE
Rev. 4 - 2 April 2024
NAFE11148B40BSMP NXP-NAFE11148B40BSMP Datasheet
2Mb / 114P
Universal ±25 V 8-Input Low Power AFE
Rev. 4 - 2 April 2024
More results


Similar Description - NAF-BSG

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DPF-EJG-3ZCA-1 DOMINANT-DPF-EJG-3ZCA-1 Datasheet
1Mb / 17P
Super high brightness surface mount LED
MAF-PSC DOMINANT-MAF-PSC Datasheet
1Mb / 17P
Super high brightness surface mount LED
MAW-KZHG DOMINANT-MAW-KZHG Datasheet
1Mb / 14P
Super high brightness surface mount LED
MAW-PSC DOMINANT-MAW-PSC Datasheet
1Mb / 13P
Super high brightness surface mount LED
MAW-YZHG DOMINANT-MAW-YZHG Datasheet
1,014Kb / 15P
Super high brightness surface mount LED
MAX-PHG DOMINANT-MAX-PHG Datasheet
910Kb / 13P
Super high brightness surface mount LED
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
Super high brightness surface mount LED
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
Super high brightness surface mount LED
NSW-FSC DOMINANT-NSW-FSC Datasheet
1Mb / 15P
Super high brightness surface mount LED
NSW-FSCR9S-1 DOMINANT-NSW-FSCR9S-1 Datasheet
1Mb / 15P
Super high brightness surface mount LED
More results




About DOMINANT Semiconductors


Dominant Semiconductors is a semiconductor company that specializes in the design and manufacture of high-performance LED products. LEDs (light-emitting diodes) are semiconductor devices that emit light when an electrical current is passed through them. Dominant Semiconductors' product portfolio includes a wide range of LEDs, from standard to ultra-bright and high-power LEDs, as well as customized LED solutions for various applications such as automotive, signage, lighting, and backlighting.

Dominant Semiconductors is known for its expertise in LED packaging, which is the process of encapsulating the semiconductor die in a protective housing to improve its performance, reliability, and thermal management. The company uses advanced technologies and materials to develop LED packages that are efficient, durable, and cost-effective.

In addition to its LED products, Dominant Semiconductors also offers a range of semiconductor solutions, including ICs (integrated circuits) and diodes for various applications such as power management, voltage regulation, and signal conditioning.

Dominant Semiconductors is headquartered in Malaysia and has operations in Asia, Europe, and the Americas. The company is committed to delivering high-quality and innovative semiconductor products to its customers worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com