Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WTC-100 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

WTC-100 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # WTC-100
Download  WTC-100 Download
File Size   623.27 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description WIND TUNNEL CONTROLLER

WTC-100 Datasheet (PDF)

Go To PDF Page Download Datasheet
WTC-100 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # WTC-100
Download  WTC-100 Click to download

File Size   623.27 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description WIND TUNNEL CONTROLLER

WTC-100 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


WTC-100 Product details

FEATURES:
» Automatic Controller
Fully automatic controller for
components, heat sinks, and
card rack characterization
» Independent Sensors
Two independent sensors for
measuring air temperature and
velocity simultaneously
» Highly Accurate
Feed back control to maintain
air velocity in the test domain
+/- 0.5% of the set velocity
» Wide Velocity Range
Control velocities from 60 to
10,000 ft/min depending on the
system fan tray
» Temperature Range
Measures temperatures from
-10°C to 120°C
» Easy Flow Setup
Enables ramping of flow from a
set minimum to a set maximum
at specified points. Sets dwell
time at each measurement
point.
» stageCONTROLTM Software
User friendly labVIEWTM based
application software creates
easy data viewing and logging
» Time-Efficient
WTC-100TM saves testing time
by facilitating automatic air flow
control and measurement.




Similar Part No. - WTC-100

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WTC1333 WEITRON-WTC1333 Datasheet
2Mb / 6P
Surface Mount P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
WTC1333 VBSEMI-WTC1333 Datasheet
481Kb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Weitron Technology
WTC2301 WEITRON-WTC2301 Datasheet
498Kb / 6P
P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
WTC2301 VBSEMI-WTC2301 Datasheet
471Kb / 9P
P-Channel 20-V (D-S) MOSFET
logo
Weitron Technology
WTC2301 WEITRON-WTC2301_10 Datasheet
592Kb / 6P
P-Channel Enhancement Mode Power MOSFET
More results


Similar Description - WTC-100

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
CLWT-115 ATS-CLWT-115 Datasheet
431Kb / 1P
BENCHTOP CLOSED LOOP WIND TUNNEL FOR ELEVATED TEMPERATURE TESTING OF BOARDS AND COMPONENTS
R1_0215
CLWT-100 ATS-CLWT-100 Datasheet
400Kb / 1P
RESEARCH QUALITY, CLOSED LOOP WIND TUNNEL
R1_0215
CLWT-067 ATS-CLWT-067 Datasheet
397Kb / 1P
BENCHTOP CLOSED LOOP WIND TUNNEL FOR ELEVATED TEMPERATURE TESTING OF BOARDS AND COMPONENTS
R4_0215
BWT-104 ATS-BWT-104 Datasheet
624Kb / 1P
RESEARCH QUALITY BENCHTOP WIND TUNNEL
R3_0215
BWT-100 ATS-BWT-100 Datasheet
495Kb / 1P
RESEARCH QUALITY BENCHTOP WIND TUNNEL
R6_0515
CWT-100 ATS-CWT-100 Datasheet
538Kb / 1P
CONTROLLED OPEN LOOP WIND TUNNEL
R3_0215
CWT-106 ATS-CWT-106 Datasheet
600Kb / 1P
CUSTOMIZED RESEARCH QUALITY WIND TUNNEL
R3_0215
CWT-108 ATS-CWT-108 Datasheet
594Kb / 1P
UNIQUE OPEN LOOP WIND TUNNEL FOR THERMAL CHARACTERIZATION OF COMPONENTS, BOARDS AND HEAT SINKS
R3_0215
CWT-PCB ATS-CWT-PCB Datasheet
1Mb / 1P
TEST MULTIPLE PCBs IN WIND TUNNEL
R3_0215
logo
American Microsemicondu...
BD-6 AMMSEMI-BD-6 Datasheet
142Kb / 1P
tunnel diodes
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com