Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA6581MC Datasheet (PDF) - ON Semiconductor

LA6581MC Datasheet PDF - ON Semiconductor
Part # LA6581MC
Download  LA6581MC Download
File Size   65.35 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description BTL Driver Single-Phase Full-Wave

LA6581MC Datasheet (PDF)

Go To PDF Page Download Datasheet
LA6581MC Datasheet PDF - ON Semiconductor

Part # LA6581MC
Download  LA6581MC Click to download

File Size   65.35 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description BTL Driver Single-Phase Full-Wave

LA6581MC Datasheet (HTML) - ON Semiconductor


LA6581MC Product details

Overview
The LA6581MC is a low-saturation BTL output linear driving motor driver for single-phase bipolar fan motors. It features quite, low power, high efficiency drive that suppresses reactive current. It is optimal for use in applications that require miniaturization and low noise, such as CPU cooling fan motors and 5 to 12V electronic game products.

Functions
• Single-phase full-wave linear drive with BTL output (gain resistance 500Ω to 284kΩ, 55dB) : Suitable for the equipment requiring silent operation, such as game equipment, CPU cooler, etc. because of its freedom from switching noise.
• Low-voltage operation possible, with wide operable voltage range (3 to 16V)
• Low saturation output (Upper + lower saturation voltage : VOsat (total) = 0.3V typ, IO = 100mA) : High coil efficiency with low current drain. IC itself does not generate much heat.
• High impedance of Hall input pin
• FG output (rotation speed detection output : open collector output)
• Heat protection circuit : When the large current flows because of output short-circuit, raising the IC chip temperature above 180°C, the heat protection circuit suppresses the drive current, preventing IC burn and breakdown.




Similar Part No. - LA6581MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6581M SANYO-LA6581M Datasheet
72Kb / 4P
Fan Motor Driver BTL Driver Single-Phase Full-Wave
More results


Similar Description - LA6581MC

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA6581T SANYO-LA6581T Datasheet
91Kb / 5P
BTL Driver Single-Phase Full-Wave Fan Motor Driver
LA6581CL SANYO-LA6581CL_09 Datasheet
71Kb / 5P
Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6581M SANYO-LA6581M Datasheet
72Kb / 4P
Fan Motor Driver BTL Driver Single-Phase Full-Wave
LA6584M SANYO-LA6584M Datasheet
93Kb / 5P
BTL Driver Single-Phase Full-Wave
LA6585M SANYO-LA6585M Datasheet
59Kb / 5P
For Motor Driver BTL Driver Single-Phase Full-Wave
logo
ON Semiconductor
LA6581T-TE-L-E ONSEMI-LA6581T-TE-L-E Datasheet
65Kb / 4P
BTL Driver Single-Phase Full-Wave
May, 2013
LA6581T-TE-L-H ONSEMI-LA6581T-TE-L-H Datasheet
65Kb / 4P
BTL Driver Single-Phase Full-Wave
May, 2013
LA6583MC-AH ONSEMI-LA6583MC-AH Datasheet
66Kb / 5P
Fan Motor Driver BTL Driver Single-Phase Full-Wave
May, 2013
LA6585MC ONSEMI-LA6585MC Datasheet
65Kb / 4P
BTL Driver Single-Phase Full-Wave
May, 2013
LA6586FA ONSEMI-LA6586FA Datasheet
87Kb / 7P
BTL Driver Single-Phase Full-Wave
May, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com