Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11961V Datasheet (PDF) - ON Semiconductor

LB11961V Datasheet PDF - ON Semiconductor
Part # LB11961V
Download  LB11961V Download
File Size   76.48 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single-Phase Full-Wave

LB11961V Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11961V Datasheet PDF - ON Semiconductor

Part # LB11961V
Download  LB11961V Click to download

File Size   76.48 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Single-Phase Full-Wave

LB11961V Datasheet (HTML) - ON Semiconductor


LB11961V Product details

Overview
The LB11961V is a single-phase bipolar drive motor driver that easily implements direct PWM motor drive systems with excellent efficiency. The LB11961V is optimal for fan motor drive in personal computer power supply systems and CPU cooling fan systems.

Features
• Single-phase full-wave drive (16V, 1.0A transistors are built in)
• Built-in variable speed function controlled by a thermistor input
    The LB11961V can implement quiet, low-vibration variable speed control using externally clocked high side transistor direct PWM drive.
• Built-in regenerative diode (Di); only requires a minimal number of external components.
• Built-in HB
• Minimum speed setting pin (allows full-speed mode operation at startup)
• Operates in full-speed mode when the thermistor is removed.
• Built-in lock protection and automatic recovery circuits
• FG (speed detection) and RD (lock detection) outputs
• Built-in thermal shutdown circuit




Similar Part No. - LB11961V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11961V SANYO-LB11961V Datasheet
110Kb / 7P
Single-Phase Full-Wave Fan Motor Driver
More results


Similar Description - LB11961V

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MDA3500 MOTOROLA-MDA3500 Datasheet
489Kb / 4P
SINGLE-PHASE FULL-WAVE BRIDGE
logo
ON Semiconductor
LV8063FA-BH ONSEMI-LV8063FA-BH Datasheet
208Kb / 8P
Single-Phase Full-Wave Driver
May, 2013
LB11970RV ONSEMI-LB11970RV Datasheet
228Kb / 7P
Single-phase Full-wave Driver
May, 2013
logo
Rohm
BD6961F ROHM-BD6961F_14 Datasheet
605Kb / 17P
Standard Single-phase Full wave
BD6966NUX ROHM-BD6966NUX_12 Datasheet
494Kb / 16P
5V Single-phase Full-wave
BD6971FS ROHM-BD6971FS_12 Datasheet
623Kb / 16P
Multifunction Single-phase Full-wave
BD6981FVM ROHM-BD6981FVM Datasheet
773Kb / 18P
Standard Single-phase Full wave
BD6995FV ROHM-BD6995FV Datasheet
2Mb / 29P
Multifunction Single-phase Full-wave
BD69730FV ROHM-BD69730FV Datasheet
1Mb / 32P
Multifunction Single-phase Full-wave
BH6766FVM ROHM-BH6766FVM_12 Datasheet
472Kb / 13P
5V Single-phase Full wave
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com