Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP-MR-IR1-IDFD Datasheet (PDF) - Source Photonics, Inc.

SP-MR-IR1-IDFD Datasheet PDF - Source Photonics, Inc.
Part # SP-MR-IR1-IDFD
Download  SP-MR-IR1-IDFD Download
File Size   301.45 Kbytes
Page   9 Pages
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.
Description 614.4Mbps - 2457.6Mbps CPRI data rate compatible

SP-MR-IR1-IDFD Datasheet (PDF)

Go To PDF Page Download Datasheet
SP-MR-IR1-IDFD Datasheet PDF - Source Photonics, Inc.

Part # SP-MR-IR1-IDFD
Download  SP-MR-IR1-IDFD Click to download

File Size   301.45 Kbytes
Page   9 Pages
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.
Description 614.4Mbps - 2457.6Mbps CPRI data rate compatible

SP-MR-IR1-IDFD Datasheet (HTML) - Source Photonics, Inc.




Similar Part No. - SP-MR-IR1-IDFD

ManufacturerPart #DatasheetDescription
logo
Source Photonics, Inc.
SP-MR-IR1-CDA SOURCE-SP-MR-IR1-CDA Datasheet
520Kb / 6P
Multi-Rate SFP Transceiver(IR1)
SP-MR-IR1-CNA SOURCE-SP-MR-IR1-CNA Datasheet
520Kb / 6P
Multi-Rate SFP Transceiver(IR1)
SP-MR-IR1-RDA SOURCE-SP-MR-IR1-RDA Datasheet
520Kb / 6P
Multi-Rate SFP Transceiver(IR1)
SP-MR-IR1-RNA SOURCE-SP-MR-IR1-RNA Datasheet
520Kb / 6P
Multi-Rate SFP Transceiver(IR1)
More results


Similar Description - SP-MR-IR1-IDFD

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPB-4810RLWG_2015 OPTOWAY-SPB-4810RLWG_2015 Datasheet
169Kb / 5P
10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4820RLWG_2015 OPTOWAY-SPB-4820RLWG_2015 Datasheet
169Kb / 5P
20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4840RLWG_2015 OPTOWAY-SPB-4840RLWG_2015 Datasheet
169Kb / 5P
40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4910RLWG_2015 OPTOWAY-SPB-4910RLWG_2015 Datasheet
169Kb / 5P
10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4810RLWG OPTOWAY-SPB-4810RLWG_15 Datasheet
169Kb / 5P
10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4820RLWG OPTOWAY-SPB-4820RLWG_15 Datasheet
169Kb / 5P
20 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4840RLWG OPTOWAY-SPB-4840RLWG_15 Datasheet
169Kb / 5P
40 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4910RLWG OPTOWAY-SPB-4910RLWG_15 Datasheet
169Kb / 5P
10 km Digital DiagnosticMulti-Rate CPRI SMSFP
SPB-4940RLWG OPTOWAY-SPB-4940RLWG_15 Datasheet
169Kb / 5P
40 km Digital DiagnosticMulti-Rate CPRI SMSFP
logo
Source Photonics, Inc.
SP-MR-SR1-IDFD SOURCE-SP-MR-SR1-IDFD Datasheet
256Kb / 9P
Support 614.4 - 2457.6Mbps CPRI multi rate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com