Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD9L Datasheet (PDF) - ON Semiconductor

ESD9L Datasheet PDF - ON Semiconductor
Part # ESD9L
Download  ESD9L Download
File Size   113.98 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressors

ESD9L Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD9L Datasheet PDF - ON Semiconductor

Part # ESD9L
Download  ESD9L Click to download

File Size   113.98 Kbytes
Page   4 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Transient Voltage Suppressors

ESD9L Datasheet (HTML) - ON Semiconductor


ESD9L Product details

Transient Voltage Suppressors
ESD Protection Diodes with Ultra−Low Capacitance

The ESD9L Series is designed to protect voltage sensitive components that require ultra−low capacitance from ESD and transient voltage events. Excellent clamping capability, low capacitance, low leakage, and fast response time, make these parts ideal for ESD protection on designs where board space is at a premium. Because of its low capacitance, it is suited for use in high frequency designs such as USB 2.0 high speed and antenna line applications.

Specification Features:
• Ultra Low Capacitance 0.5 pF
• Low Clamping Voltage
• Small Body Outline Dimensions: 0.039″ x 0.024″ (1.00 mm x 0.60 mm)
• Low Body Height: 0.016″ (0.4 mm)
• Stand−off Voltage: 3.3 V, 5 V
• Low Leakage
• Response Time is Typically < 1.0 ns
• IEC61000−4−2 Level 4 ESD Protection
• S and SZ Prefixes for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - ESD9L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD9L ONSEMI-ESD9L Datasheet
69Kb / 4P
Transient Voltage Suppressors
January, 2017 ??Rev. 6
logo
Diotec Semiconductor
ESD9L1P8 DIOTEC-ESD9L1P8 Datasheet
519Kb / 3P
ESD Protection Diodes in SMD ESD-Schutzdioden in SMD
Version 2022-05-17
logo
ON Semiconductor
ESD9L3.3ST5G ONSEMI-ESD9L3.3ST5G Datasheet
141Kb / 4P
Transient Voltage Suppressors ESD Protection Diodes with Ultra?묹ow Capacitance
November, 2009 ??Rev. 3
ESD9L3.3ST5G ONSEMI-ESD9L3.3ST5G Datasheet
69Kb / 4P
Transient Voltage Suppressors
January, 2017 ??Rev. 6
logo
Shanghai Leiditech Elec...
ESD9L5.0C LEIDITECH-ESD9L5.0C Datasheet
401Kb / 3P
USB 2.0 power and data line
More results


Similar Description - ESD9L

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
Transient Voltage Suppressors
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
TRANSIENT VOLTAGE SUPPRESSORS
logo
ON Semiconductor
TVS8501V5 ONSEMI-TVS8501V5 Datasheet
93Kb / 6P
Transient Voltage Suppressors
November, 2014 ??Rev. 1
logo
SEMTECH ELECTRONICS LTD...
ESD3BL3V3WS SEMTECH_ELEC-ESD3BL3V3WS Datasheet
356Kb / 4P
Transient Voltage Suppressors
ESD9BL5V0BP SEMTECH_ELEC-ESD9BL5V0BP Datasheet
342Kb / 3P
Transient Voltage Suppressors
ESDB5V0WT SEMTECH_ELEC-ESDB5V0WT Datasheet
267Kb / 3P
Transient Voltage Suppressors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com