Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTM-1000 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

PTM-1000 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # PTM-1000
Download  PTM-1000 Download
File Size   503.56 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Low Pressure Measurement

PTM-1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTM-1000 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # PTM-1000
Download  PTM-1000 Click to download

File Size   503.56 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Low Pressure Measurement

PTM-1000 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


PTM-1000 Product details

FEATURES:
» Highly Accurate
Provides accurate data to
within 1% of the full scale
» Low Pressure Measurement
From 0-0.15 PSI or 0-0.30
PSI. Additional pressure
ranges available as custom
options from 0-100 PSI
» stagePRESSURETM Software
User friendly application for
easy data viewing and logging
» USB Connection
Provides power and signal
communication
» 0-5V Output Analog Voltage
For integration into control
circuits that require analog
voltage as input signals




Similar Part No. - PTM-1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PTM-02RBG ETC-PTM-02RBG Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
logo
Autonics Corporation
PTM-02RBG AUTONICS-PTM-02RBG Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
logo
List of Unclassifed Man...
PTM-02RYG ETC-PTM-02RYG Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
logo
Autonics Corporation
PTM-02RYG AUTONICS-PTM-02RYG Datasheet
3Mb / 24P
TOWER & SIGNAL LIGHTS CONTROL SWITCHES
logo
Luminus, Inc
PTM-40X-B LUMINUS-PTM-40X-B Datasheet
673Kb / 14P
Projection Blue and BluePump LED
2023
More results


Similar Description - PTM-1000

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
SXL010D SENSORTECHNICS-SXL010D Datasheet
51Kb / 2P
Low pressure sensors
logo
Infineon Technologies A...
KP21X INFINEON-KP21X Datasheet
194Kb / 2P
Integrated Pressure Sensor IC for Manifold Air Pressure Measurement Applications
logo
Texas Instruments
INA230 TI-INA230 Datasheet
846Kb / 35P
High- or Low-Side Measurement
logo
Honeywell Solid State E...
162PC01D HONEYWELL-162PC01D Datasheet
72Kb / 1P
LOW PRESSURE TRANSDUCER
logo
Honeywell Accelerometer...
163PC01D36 HONEYWELL-ACC-163PC01D36 Datasheet
74Kb / 1P
LOW PRESSURE TRANSDUCER
logo
Power System Technology
FAB0207009 PST-FAB0207009 Datasheet
239Kb / 3P
Test of measurement. Application low noise
logo
MKS Instruments.
226A MKS-226A Datasheet
236Kb / 4P
Direct pressure measurement is not affected by gas composition
228A MKS-228A Datasheet
245Kb / 4P
Direct pressure measurement is not affected by gas composition
274 MKS-274 Datasheet
316Kb / 8P
Good vacuum pressure measurement for economical cost
logo
Greystone Energy System...
ELP GREYSTONE-ELP Datasheet
573Kb / 2P
LOW PRESSURE TRANSMITTER
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com