Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z08617 Datasheet (PDF) - Zilog, Inc.

Z08617 Datasheet PDF - Zilog, Inc.
Part # Z08617
Download  Z08617 Download
File Size   231.3 Kbytes
Page   26 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER

Z08617 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z08617 Datasheet PDF - Zilog, Inc.

Part # Z08617
Download  Z08617 Click to download

File Size   231.3 Kbytes
Page   26 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description NMOS Z8 8-BIT MCU KEYBOARD CONTROLLER

Z08617 Datasheet (HTML) - Zilog, Inc.


Z08617 Product details

GENERAL DESCRIPTION
The Z08617 Keyboard Controller is a member of the Z8® single-chip microcontroller family with 4 Kbytes of ROM. The device is housed in a 40-pin DIP package, and is manufactured in NMOS technology. The Z08617 microcontroller offers fast execution, efficient use of memory, sophisticated interrupt, input/output bit manipulation capabilities, and easy hardware/soft ware system expansion along with low cost and low power consumption.
The Z08617 architecture is characterized by a flexible I/O scheme, an efficient register, I/O, and a number of ancillary features that are useful in many industrial and advanced scientific applications.
For applications which demand powerful I/O capabilities, the Z08617 provides 32 pins dedicated to input and output. These lines are grouped into four ports, each port consists of 8 lines, and are configurable under software control to provide timing, status signals, and serial or parallel I/O ports.
The Z08617 offers low EMI emission which is achieved by means of several modifications in the output drivers and clock circuitry of the device.
There are two basic address spaces which are available to support this wide range of configurations: Program Memory and 124 General-Purpose Registers.

FEATURES
■ Low Power Consumption - 750 mW
■ 32 Input/Output Lines
■ Digital Inputs NMOS Levels with Internal Pull-Up Resistors
■ 4 Kbytes ROM
■ Four Direct Connect LED Drive Pins
■ 124 Bytes of RAM
■ Hardware Watch-Dog Timer (WDT)
■ Two Programmable 8-Bit Counter/Timers, Each with 6-Bit Programmable Prescaler
■ Six Vectored, Priority Interrupts from Six Different Sources
■ On-Chip RC Oscillator
■ Clock Frequency: Up to 5MHz
■ Low EMI Emission




Similar Part No. - Z08617

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z08611 ZILOG-Z08611 Datasheet
636Kb / 17P
Full-duplex UART and two programmable 8-bit counter/timers, each with a 6-bit
More results


Similar Description - Z08617

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8602 ZILOG-Z8602 Datasheet
41Kb / 5P
KEYBOARD CONTROLLER (KBC?? NMOS Z8 8-BIT MCU
Z8614 ZILOG-Z8614 Datasheet
37Kb / 4P
KEYBOARD CONTROLLER (KBC?? NMOS Z8 8-BIT MCU
Z86318 ZILOG-Z86318 Datasheet
265Kb / 26P
Z8 MCU 8-BIT MICROCONTROLLER
Z86C15 ZILOG-Z86C15 Datasheet
74Kb / 10P
CMOS Z8 8-BIT MCU KEYBOARDCONTROLLER
Z86K13 ZILOG-Z86K13 Datasheet
170Kb / 24P
CMOS Z8 8-Bit MCU Keyboard Controllers
logo
Holtek Semiconductor In...
HT82K68E-L HOLTEK-HT82K68E-L Datasheet
259Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
August 9, 2007
HT82K68E-L HOLTEK-HT82K68E-L_09 Datasheet
240Kb / 38P
Multimedia Keyboard Encoder 8-Bit MCU
August 5, 2009
HT82K74E HOLTEK-HT82K74E Datasheet
348Kb / 56P
27MHz Keyboard/ Mouse TX 8-Bit MCU
December 15, 2009
HT82K68E-L HOLTEK-HT82K68E-L_11 Datasheet
260Kb / 39P
Multimedia Keyboard Encoder 8-Bit MCU
logo
Zilog, Inc.
Z8609316PSG ZILOG-Z8609316PSG Datasheet
362Kb / 18P
ROMLESS CMOS 8-BIT Z8 MCU
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com