Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z80182 Datasheet (PDF) - Zilog, Inc.

Z80182 Datasheet PDF - Zilog, Inc.
Part # Z80182
Download  Z80182 Download
File Size   738.05 Kbytes
Page   109 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??

Z80182 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z80182 Datasheet PDF - Zilog, Inc.

Part # Z80182
Download  Z80182 Click to download

File Size   738.05 Kbytes
Page   109 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description ZILOG INTELLIGENT PERIPHERAL CONTROLLER (ZIP??

Z80182 Datasheet (HTML) - Zilog, Inc.


Z80182 Product details

GENERAL DESCRIPTION
The Z80182/Z8L182 is a smart peripheral controller IC for modem (in particular V. Fast applications), fax, voice messaging and other communications applications. It uses the Z80180 microprocessor (Z8S180 MPU core) linked with two channels of the industry standard Z85230 ESCC (Enhanced Serial Communications Controller), 24 bits of parallel I/O, and a 16550 MIMIC for direct connection to the IBM PC, XT, AT bus.
The Z80182/Z8L182 allows complete flexibility for both internal PC and external applications. Also current PC modem software compatibility can be maintained with the Z80182/Z8L182 ability to mimic the 16550 UART chip. The Z80180 acts as an interface between the ESCC™ and 16550 MIMIC interface when used in internal applications, and between the two ESCC channels in the external applications. This interface allows data compression and error correction on outgoing and incoming data. In external applications, three 8-bit parallel ports are available for driving LEDs or other devices. Figure 1 shows the Z80182/Z8L182 block diagram, while the pin assignments for the QFP and the VQFP packages are shown in Figures 2 and 3, respectively. All references in this document to the Z80182, or Z182 refer to both the Z80182 and Z8L182.

FEATURES
■ Z8S180 MPU
   - Code Compatible with Zilog Z80®/Z180™ CPU
   - Extended Instructions
   - Operating Frequency: 33 MHz/5V or 20 MHz/3.3V
   - Two DMA Channels
   - On-Chip Wait State Generators
   - Two UART Channels
   - Two 16-Bit Timer Counters
   - On-Chip Interrupt Controller
   - On-Chip Clock Oscillator/Generator
   - Clocked Serial I/O Port
   - Fully Static
   - Low EMI Option
■ Two ESCC™ Channels with 32-Bit CRC
■ Three 8-Bit Parallel I/O Ports
■ 16550 Compatible MIMIC Interface for
   Direct Connection to PC, XT, AT Bus
■ 100-Pin Package Styles (QFP, VQFP)
   (0.8 Micron CMOS 5120 Technology)
■ Individual WSG for RAMCS and ROMCS




Similar Part No. - Z80182

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z80182 ZILOG-Z80182 Datasheet
1Mb / 326P
Z8018x Family MPU
Z80182 ZILOG-Z80182 Datasheet
1Mb / 326P
Family MPU
More results


Similar Description - Z80182

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z84013 ZILOG-Z84013 Datasheet
1Mb / 65P
IPC INTELLIGENT PERIPHERAL CONTROLLER
logo
List of Unclassifed Man...
TMC428 ETC-TMC428 Datasheet
378Kb / 50P
Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
logo
Zilog, Inc.
Z84C13 ZILOG-Z84C13 Datasheet
436Kb / 27P
Z80 CMOS EIPC Ehanced Intelligent Peripheral Controller
Z84C15 ZILOG-Z84C15 Datasheet
65Kb / 2P
IPC/EIPC ENHANCED INTELLIGENT PERIPHERAL CONTROLLER
logo
List of Unclassifed Man...
TMC428 ETC2-TMC428_06 Datasheet
719Kb / 58P
Intelligent Triple Stepper Motor Controller with Serial Peripheral Interfaces
logo
Zilog, Inc.
Z84C1510AEG ZILOG-Z84C1510AEG Datasheet
1Mb / 65P
IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1510FEC ZILOG-Z84C1510FEC Datasheet
1Mb / 65P
IPC INTELLIGENT PERIPHERAL CONTROLLER
Z8401510FEC ZILOG-Z8401510FEC Datasheet
1Mb / 65P
IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1510FEC00TR ZILOG-Z84C1510FEC00TR Datasheet
1Mb / 65P
IPC INTELLIGENT PERIPHERAL CONTROLLER
Z84C1506FEC ZILOG-Z84C1506FEC Datasheet
1Mb / 65P
IPC INTELLIGENT PERIPHERAL CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com