Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATVS-2020 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

ATVS-2020 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # ATVS-2020
Download  ATVS-2020 Download
File Size   434.34 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Single Sensor Technology

ATVS-2020 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATVS-2020 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # ATVS-2020
Download  ATVS-2020 Click to download

File Size   434.34 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description Single Sensor Technology

ATVS-2020 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


ATVS-2020 Product details

FEATURES:
» Single Sensor Technology
The only system that can
measure both temperature
and air velocity with a single
sensor
» Accuracy and Ease of Use
Offers research quality results
with the ease of use of handheld meter
» Up to 8 Sensors
For simultaneous single point
measurement of air velocity &
temperature
» Connection
Requires a PC to operate
and is compatible via USB
port
» High & Low Speed Calibration
Sensors are calibrated for
both low (natural convection)
and high velocity flows from
0 to 51 m/s (10,000 ft/min)
» stageVIEWTM Software
For automated data
acquisition, reporting and
special thermal analysis
module for quick evaluation
of component temperature
» Sensor Ports
Measure velocity and
temperature through the
ports holes




Similar Part No. - ATVS-2020

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
ATV02-18PA ASS-ATV02-18PA Datasheet
357Kb / 2P
RECEPTACLE, FLANGE,18 PIN, ATV SERIES STANDRAD DIA. WIRE SEAL
25MAY18
ATV02-18PA-RR01 ASS-ATV02-18PA-RR01 Datasheet
429Kb / 2P
RECEPTACLE, FLANGE,18 PIN, ATV SERIES REDUCED DIA. WIRE SEAL
03MAY18
ATV02-18PB ASS-ATV02-18PB Datasheet
357Kb / 2P
RECEPTACLE, FLANGE,18 PIN, ATV SERIES STANDRAD DIA. WIRE SEAL
25MAY18
ATV02-18PB-RR01 ASS-ATV02-18PB-RR01 Datasheet
429Kb / 2P
RECEPTACLE, FLANGE,18 PIN, ATV SERIES REDUCED DIA. WIRE SEAL
03MAY18
ATV02-18PC ASS-ATV02-18PC Datasheet
357Kb / 2P
RECEPTACLE, FLANGE,18 PIN, ATV SERIES STANDRAD DIA. WIRE SEAL
25MAY18
More results


Similar Description - ATVS-2020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSPR1A170100 TI-TSPR1A170100 Datasheet
270Kb / 15P
Liquid Sensor Microcomponents Technology Center
logo
Cynergy3 Co
UF25B CYNERGY3-UF25B Datasheet
416Kb / 1P
Non-invasive sensor technology
logo
Cherry Semiconductor Co...
JD-0800EU-2 CHERRY-JD-0800EU-2 Datasheet
147Kb / 2P
Optical Sensor technology:1200dpi
logo
GigaDevice Semiconducto...
GD9FU1G8F2AMG GIGADEVICE-GD9FU1G8F2AMG Datasheet
1Mb / 55P
Single level cell technology
logo
AUREL S.p.A.
650201442G AUREL-650201442G Datasheet
569Kb / 1P
Capacitive Rain Sensor THICH FILM TECHNOLOGY
28.06.2017-Rev A
logo
Endress+Hauser Group Se...
CPS41E EH-CPS41E Datasheet
866Kb / 12P
pH sensor for process technology
2020-08-10
CPS42E EH-CPS42E Datasheet
900Kb / 12P
ORP sensor for process technology
2021-01-11
CLS16E EH-CLS16E Datasheet
488Kb / 12P
Digital conductivity sensor with Memosens technology
CLS21E EH-CLS21E Datasheet
972Kb / 12P
Digital conductivity sensor with Memosens technology
CPS76E EH-CPS76E Datasheet
1Mb / 12P
pH/ORP sensor for process technology
2021-04-30
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com