Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CIP-1000 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

CIP-1000 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # CIP-1000
Download  CIP-1000 Download
File Size   489.59 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description CONTROLLABLE ISOTHERMAL PLATE SYSTEM FOR A HIGHLY ACCURATE, ADJUSTABLE HEAT SOURCE

CIP-1000 Datasheet (PDF)

Go To PDF Page Download Datasheet
CIP-1000 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # CIP-1000
Download  CIP-1000 Click to download

File Size   489.59 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description CONTROLLABLE ISOTHERMAL PLATE SYSTEM FOR A HIGHLY ACCURATE, ADJUSTABLE HEAT SOURCE

CIP-1000 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


CIP-1000 Product details

FEATURES:
» Wide Temperature Range
Produces surface temperatures from 10°C to 170°C
» Highly Accurate Control
Temperature can be controlled to less than 0.1°C
display resolution
» Fully Programmable
Plate temperature settings
can be programmed for
automated ramping, including
hold times for each step
» Removable Copper Plate
CIP-1000TM plate is easily
removable for rework, surface
treatment, attaching DUT and
other such tests
» PID Control
Unipolar or bipolar, PID control with auto-tuning capability




Similar Part No. - CIP-1000

ManufacturerPart #DatasheetDescription
logo
Canopus Electronics (H....
CIP2022 CANOPUS-CIP2022 Datasheet
701Kb / 1P
Piezo Element
CIP2732 CANOPUS-CIP2732 Datasheet
701Kb / 1P
Piezo Element
logo
Micronas
CIP3250A MICRONAS-CIP3250A Datasheet
326Kb / 44P
Component Interface Processor
logo
Canopus Electronics (H....
CIP3542 CANOPUS-CIP3542 Datasheet
701Kb / 1P
Piezo Element
CIP3548 CANOPUS-CIP3548 Datasheet
701Kb / 1P
Piezo Element
More results


Similar Description - CIP-1000

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
TL431 KEXIN-TL431 Datasheet
54Kb / 2P
Adjustable Accurate Reference Source
TL431-89 KEXIN-TL431-89 Datasheet
915Kb / 2P
Adjustable Accurate Reference Source
TL431-HF-89 KEXIN-TL431-HF-89 Datasheet
992Kb / 2P
Adjustable Accurate Reference Source
TL431K KEXIN-TL431K Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-3 KEXIN-TL431K-3 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
TL431K-89 KEXIN-TL431K-89 Datasheet
1Mb / 3P
Adjustable Accurate Reference Source
logo
Jiangsu Changjiang Elec...
CJ431K JIANGSU-CJ431K Datasheet
839Kb / 6P
Adjustable Accurate Reference Source
CK431K JIANGSU-CK431K Datasheet
1Mb / 5P
Adjustable Accurate Reference Source
logo
Shenzhen Luguang Electr...
431 LUGUANG-431 Datasheet
795Kb / 2P
Adjustable Accurate Reference Source
logo
DONGGUAN YOU FENG WEI E...
TL431 YFWDIODE-TL431 Datasheet
424Kb / 3P
Adjustable Accurate Reference Source
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com