Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EATVS-4 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

EATVS-4 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # EATVS-4
Download  EATVS-4 Download
File Size   571.34 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description AUTOMATIC TEMPERATURE AND VELOCITY SCANNER

EATVS-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
EATVS-4 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # EATVS-4
Download  EATVS-4 Click to download

File Size   571.34 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description AUTOMATIC TEMPERATURE AND VELOCITY SCANNER

EATVS-4 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


EATVS-4 Product details

FEATURES:
» Single Sensor Technology
The only system that can
measure both temperature
and air velocity with a single
sensor
» Accuracy and Ease of Use
Offers research quality results
with the ease of use of handheld meter
» Up to 8 Sensors
For simultaneous single point
measurement of air velocity &
temperature
» Connection
Requires a PC to operate
and is compatible via USB
port
» High & Low Speed Calibration
Sensors are calibrated for
both low (natural convection)
and high velocity flows from
0 to 51 m/s (10,000 ft/min)
» stageVIEWTM Software
For automated data
acquisition, reporting and
special thermal analysis
module for quick evaluation
of component temperature
» Sensor Ports
Measure velocity and
temperature through the
ports holes




Similar Part No. - EATVS-4

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
EAT809-S SEOUL-EAT809-S Datasheet
902Kb / 25P
White PLCC2 Amber Color
logo
List of Unclassifed Man...
EATOUCH102-1 ETC2-EATOUCH102-1 Datasheet
718Kb / 9P
DOGS GRAPHIC SERIES 102x64 DOTS
EATOUCH128-1 ETC2-EATOUCH128-1 Datasheet
771Kb / 9P
DOGM GRAPHIC SERIES 128x64 DOTS
EATOUCH128-29C1 ETC-EATOUCH128-29C1 Datasheet
1Mb / 10P
INCL CONTROLLER SSD1309 FOR SPI AND I²C
Issue 02.2022
EATOUCH160-1 ETC2-EATOUCH160-1 Datasheet
819Kb / 9P
DOGXL GRAPHIC SERIES 160x104 DOTS WITH SPI AND I짼C
More results


Similar Description - EATVS-4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
20413 TI-20413 Datasheet
186Kb / 6P
Snap-Action Automatic and Manual reset Fixed Temperature Thermostats
logo
Extech Instruments Corp...
407114 EXTECH-407114 Datasheet
168Kb / 8P
CFM Thermo Anemometer Air Velocity, Air Flow, and Temperature
logo
Omron Electronics LLC
D6F-W OMRON-D6F-W_10 Datasheet
420Kb / 4P
MEMS Air Velocity Sensor
logo
Advanced Thermal Soluti...
IQ-200 ATS-IQ-200 Datasheet
606Kb / 1P
MEASURE TEMPERATURE, VELOCITY & PRESSURE WITH ONE SYSTEM
R2_0215
logo
Pepperl+Fuchs Inc.
FLT-8-HW-2800-CLS PF-FLT-8-HW-2800-CLS Datasheet
868Kb / 5P
Area scanner
VB14N-600-T PF-VB14N-600-T Datasheet
1Mb / 5P
Barcode scanner
VB14N-600-R-6102 PF-VB14N-600-R-6102 Datasheet
1Mb / 6P
Barcode scanner
VB14N-300-R PF-VB14N-300-R Datasheet
1Mb / 6P
Barcode scanner
VB14N-400-T-R PF-VB14N-400-T-R Datasheet
1Mb / 5P
Barcode scanner
logo
E+E Elektronik Ges.m.b....
EE680 EPLUSE-EE680 Datasheet
1Mb / 10P
Air Velocity and Temperature Sensor for Laminar Flow
03-2023
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com