Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSC-200 Datasheet (PDF) - Advanced Thermal Solutions, Inc.

FSC-200 Datasheet PDF - Advanced Thermal Solutions, Inc.
Part # FSC-200
Download  FSC-200 Download
File Size   584.77 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description FAN SPEED CONTROLLER

FSC-200 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSC-200 Datasheet PDF - Advanced Thermal Solutions, Inc.

Part # FSC-200
Download  FSC-200 Click to download

File Size   584.77 Kbytes
Page   1 Pages
Manufacturer  ATS [Advanced Thermal Solutions, Inc.]
Direct Link  http://www.qats.com
Logo ATS - Advanced Thermal Solutions, Inc.
Description FAN SPEED CONTROLLER

FSC-200 Datasheet (HTML) - Advanced Thermal Solutions, Inc.


FSC-200 Product details

FEATURES:
» Highly Accurate
Provides precise control
with accuracy of +/- 1%
» Multiple Fans
Supports up to 30 Amps
fans or fan trays
» stageSPEEDTM Software
User friendly application for
selecting the PWM frequency
from 2 kHz to 40 kHz
» Fan Control
Controls fan/fan trays from 0 to
100% PWM with 0.5% resolution
» USB Connection
Provides connection for
data communication
» Air Flow Testing
Variable fan speed provides
the ability for complete analysis
» Unrestricted Voltage
No restriction for fan voltage




Similar Part No. - FSC-200

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
FSC-CMAX-A101_100-P HUBERSUHNER-FSC-CMAX-A101_100-P Datasheet
291Kb / 2P
SC connector, SM, High-end, UPC, blue
FSC-CMAX-A600_100-P HUBERSUHNER-FSC-CMAX-A600_100-P Datasheet
289Kb / 2P
SC connector, SM, High-end, APC, green
FSC-CMAX-B101_100-P HUBERSUHNER-FSC-CMAX-B101_100-P Datasheet
289Kb / 2P
SC connector, G50/125, G62.5/125, PC, beige
FSC-CMAX-D101_100-P HUBERSUHNER-FSC-CMAX-D101_100-P Datasheet
289Kb / 2P
SC connector, HCS200/230, PC, beige
FSC-CMAX-H101_100-P HUBERSUHNER-FSC-CMAX-H101_100-P Datasheet
291Kb / 2P
SC connector, SM, premium, UPC, blue
More results


Similar Description - FSC-200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G760A ETC-G760A Datasheet
173Kb / 5P
Fan Speed PWM Controller
logo
Anachip Corp
AP438 ANACHIP-AP438 Datasheet
153Kb / 8P
PWM Fan Speed Controller
Rev.0.5 Feb.12, 2004
logo
Infineon Technologies A...
TDA21801 INFINEON-TDA21801 Datasheet
833Kb / 30P
Low Cost Fan Speed Controller
logo
Maxim Integrated Produc...
MAX6620 MAXIM-MAX6620 Datasheet
355Kb / 30P
Quad Linear Fan-Speed Controller
Rev 0; 3/08
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
Fan Speed Controller
logo
Maxim Integrated Produc...
MAX6620 MAXIM-MAX6620_13 Datasheet
315Kb / 30P
Quad Linear Fan-Speed Controller
Rev 1; 1/13
MAX31740 MAXIM-MAX31740 Datasheet
499Kb / 11P
Ultra-Simple Fan-Speed Controller
Rev 0; 5/13
logo
Global Mixed-mode Techn...
G760A GMT-G760A Datasheet
84Kb / 1P
Fan Speed PWM Controller
logo
Maxim Integrated Produc...
MAX6620 MAXIM-MAX6620_14 Datasheet
281Kb / 30P
Quad Linear Fan-Speed Controller
Rev 1; 1/13
MAX31740 MAXIM-MAX31740_V01 Datasheet
628Kb / 11P
Ultra-Simple Fan-Speed Controller
19-6697; Rev 3; 12/20
More results




About Advanced Thermal Solutions, Inc.


Advanced Thermal Solutions, Inc (ATS) is a leading provider of thermal management solutions for a variety of industries including electronics, telecommunications, and medical devices.

The company was founded in 2003 and is headquartered in Norwood, Massachusetts, USA.

ATS offers a wide range of products including thermal interface materials, heat sinks, fans, and other cooling solutions.

The company is known for its expertise in thermal management, innovation, and high-quality products.

ATS works closely with customers to provide customized thermal management solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com