Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C08 Datasheet (PDF) - Zilog, Inc.

Z86C08 Datasheet PDF - Zilog, Inc.
Part # Z86C08
Download  Z86C08 Download
File Size   207.42 Kbytes
Page   34 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS

Z86C08 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86C08 Datasheet PDF - Zilog, Inc.

Part # Z86C08
Download  Z86C08 Click to download

File Size   207.42 Kbytes
Page   34 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS

Z86C08 Datasheet (HTML) - Zilog, Inc.


Z86C08 Product details

Z8 CPU Product Overview
The ZiLOG Z8 microcontroller (MCU) product line continues to expand with new product introductions. ZiLOG MCU products are targeted for cost-sensitive, high-volume applications including consumer, automotive, security, and HVAC. It includes ROM-based products geared for high volume production (where software is stable) and one-time programmable (OTP) equivalents for prototyping as well as volume production where time to market or code flexibility is critical (see Table 1 on page 4). A variety of packaging options are available including plastic DIP, SOIC, PLCC, and QFP.
A generalized Z8 CPU® block diagram is shown in Figure 1. The same on-chip peripherals are used across the MCU product line with the primary differences being the amount of ROM/RAM, number of I/O lines present, and packaging/temperature ranges available. This allows code written for one MCU device to be easily ported to another family member.

Key Features
General-Purpose Register File. Every RAM register acts like an accumulator, speeding instruction execution and maximizing coding efficiency. Working register groups allow fast context switching.

Flexible I/O. I/O byte, nibble, and/or bit programmable as inputs or outputs. Outputs are software programmable as open-drain or push–pull on a port basis. Inputs are Schmitt-triggered with autolatches to hold unused inputs at a known voltage state.

Analog Inputs. Three input pins are software programmable as digital or analog inputs. When in analog mode, two comparator inputs are provided with a common reference input. These inputs are ideal for a variety of common functions, including threshold level detection, analog-to-digital conversion, and short circuit detection. Each analog input provides a unique maskable interrupt input.

Timer/Counter. The Timer/Counter (T/C) consists of a programmable 6-bit prescaler and 8-bit downcounter, with maskable interrupt upon end-of-count. Software controls T/C load/start/stop, countdown read (at any time on the fly), and maskable end-of-count interrupt. Special functions available include TIN (external counter input, external gate input, or external trigger input) and TOUT (external access to timer output or the internal system clock.) These special functions allow accurate hardware input pulse measurement and output waveform generation.

Interrupts. There are six vectored interrupt sources with software-programmable enable and priority for each of the six sources.

Watch–Dog Timer. An internal Watch–Dog Timer (WDT) circuit is included as a fail-safe mechanism so that if software strays outside the bounds of normal operation, the WDT will time-out and reset the MCU. To maximize circuit robustness and reliability, the default WDT clock source is an internal RC circuit (isolated from the device clock source).

Auto Reset/Low-Voltage Protection. All family devices have internal Power-On Reset. ROM devices add low-voltage protection. Low-voltage protection ensures the MCU is in a known state at all times (in active RUN mode or RESET) without external hardware (or a device reset pin).

Low-EMI Operation. Mode is programmable via software or as a mask option. This new option provides for reduced radiated emission via clock and output drive circuit changes.

Low-Power. CMOS with two standby modes; STOP and HALT.

Full Z8 Instruction Set. Forty-eight basic instructions, supported by six addressing modes with the ability to operate on bits, nibbles, bytes, and
words.




Similar Part No. - Z86C08

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86C08 ZILOG-Z86C08 Datasheet
1Mb / 348P
General-Purpose Register File. Flexible I/O. Analog Inputs
Z86C0816PSG ZILOG-Z86C0816PSG Datasheet
1Mb / 348P
Z86E3016PSG
More results


Similar Description - Z86C08

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888GD NSC-COP888GD Datasheet
437Kb / 42P
8-Bit CMOS ROM Based Microcontrollers with 16k
COP424C NSC-COP424C Datasheet
339Kb / 24P
Single-Chip 1k and 2k CMOS Microcontrollers
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
Z86C28 ZILOG-Z86C28 Datasheet
403Kb / 13P
CMOS 8-Bit Low-Cost 4K-ROM Microcontrollers
logo
National Semiconductor ...
COP224C NSC-COP224C Datasheet
325Kb / 24P
Single-Chip 1k and 2k CMOS Microcontrollers
logo
Microchip Technology
PIC16CR7X MICROCHIP-PIC16CR7X Datasheet
3Mb / 172P
28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
PIC16CR73 MICROCHIP-PIC16CR73 Datasheet
3Mb / 172P
28/40-Pin, 8-Bit CMOS ROM Microcontrollers
2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com