Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z87000 Datasheet (PDF) - Zilog, Inc.

Z87000 Datasheet PDF - Zilog, Inc.
Part # Z87000
Download  Z87000 Download
File Size   205.06 Kbytes
Page   50 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Spread Spectrum Controllers

Z87000 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z87000 Datasheet PDF - Zilog, Inc.

Part # Z87000
Download  Z87000 Click to download

File Size   205.06 Kbytes
Page   50 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Spread Spectrum Controllers

Z87000 Datasheet (HTML) - Zilog, Inc.


Z87000 Product details

GENERAL DESCRIPTION
The Z87000/Z87L00 FHSS Cordless Telephone Transceiver/Controllers are expressly designed to implement a 900 MHz frequency hopping spread spectrum cordless telephone compliant with United States FCC regulations for unlicensed operation. The Z87000 and Z87L00 are distinct 5V and 3.3V versions, respectively, of the device. For the sake of brevity, all subsequent references to the Z87000 in this document also apply to the Z87L00, unless specifically noted.

FEATURES
■ Transceiver/Controller Chip Optimized for Implementation of 900 MHz Spread Spectrum Cordless Phone
   – Adaptive Frequency Hopping
   – Transmit Power Control
   – Error Control Signaling
   – Handset Power Management
   – Support of 32 kbps ADPCM Speech Coding for High Voice Quality
■ DSP Core Acts as Phone Controller
   – Zilog-Provided Embedded Transceiver Software to Control Transceiver Operation and Base StationHandset Communications Protocol
   – User-Modifiable Software Governs Phone Features
■ Transceiver Circuitry Provides Primary Cordless Phone Communications Functions
   – Digital Downconversion with Automatic Frequency Control (AFC) Loop
   – FSK Demodulator
   – FSK Modulator
   – Symbol Synchronizer
   – Time Division Duplex (TDD) Transmit and Receive Buffers
   ■ On-Chip A/D and D/A to Support 10.7 MHz IF Interface
■ Bus Interface to Z87010 ADPCM Processor
■ Static CMOS for Low Power Consumption
■ 3.0V to 3.6V, -20°C to +70°C, Z87L00
   4.5V to 5.5V, -20°C to +70°C, Z87000
■ 16.384 MHz Base Clock




Similar Part No. - Z87000

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8700000ZEM ZILOG-Z8700000ZEM Datasheet
20Kb / 3P
Windows-Based User Interface
More results


Similar Description - Z87000

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
Maxim Integrated Produc...
MAX5974A MAXIM-MAX5974A Datasheet
2Mb / 26P
Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Rev 0; 6/10
MAX5974A MAXIM-MAX5974A_11 Datasheet
2Mb / 27P
Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
Rev 2; 6/11
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
logo
Integrated Circuit Syst...
9DMU0431 ICST-9DMU0431 Datasheet
116Kb / 11P
Spread Spectrum Compatible
REVISION A 09/24/14
9DMV0441 ICST-9DMV0441 Datasheet
252Kb / 12P
Spread Spectrum Compatible
REVISION B 01/26/15
logo
Integrated Device Techn...
9DBV0731 IDT-9DBV0731 Datasheet
205Kb / 16P
Spread Spectrum tolerant
9DMV0141 IDT-9DMV0141 Datasheet
182Kb / 10P
Spread Spectrum Compatible
9DMV0431 IDT-9DMV0431 Datasheet
206Kb / 12P
Spread Spectrum Compatible
logo
Maxim Integrated Produc...
MAX5974A MAXIM-MAX5974A_V01 Datasheet
1Mb / 28P
Active-Clamped, Spread-Spectrum, Current-Mode PWM Controllers
2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com