Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86E40 Datasheet (PDF) - Zilog, Inc.

Z86E40 Datasheet PDF - Zilog, Inc.
Part # Z86E40
Download  Z86E40 Download
File Size   453.0 Kbytes
Page   66 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Z8 4K OTP Microcontroller

Z86E40 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z86E40 Datasheet PDF - Zilog, Inc.

Part # Z86E40
Download  Z86E40 Click to download

File Size   453.0 Kbytes
Page   66 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Z8 4K OTP Microcontroller

Z86E40 Datasheet (HTML) - Zilog, Inc.


Z86E40 Product details

GENERAL DESCRIPTION
The Z86E30/E31/E40 8-Bit One-Time Programmable (OTP) Microcontrollers are members of Zilogs single-chip Z8® MCU family featuring enhanced wake-up circuitry, programmable Watch-Dog Timers, Low Noise EMI options, and easy hardware/software system expansion capability.

FEATURES
■ Standard Temperature (VCC = 3.5V to 5.5V)
■ Extended Temperature (VCC = 4.5V to 5.5V)
■ Available Packages:
    28-Pin DIP/SOIC/PLCC OTP (Z86E30/31 only)
    28-Pin DIP Window (Z86E30/31 only)
    40-Pin DIP OTP/Window (Z86E40 only)
    44-Pin PLCC/QFP OTP (Z86E40 only)
    44-Pin PLCC Window (Z86E40 only)
■ Software Enabled Watch-Dog Timer (WDT)
■ Push-Pull/Open-Drain Programmable on Port 0, Port 1, and Port 2
■ 24/32 Input/Output Lines
■ Auto Latches
■ Auto Power-On Reset (POR)
■ Programmable OTP Options:
    RC Oscillator
    EPROM Protect
    Auto Latch Disable
    Permanently Enabled WDT
    Crystal Oscillator Feedback Resistor Disable
    RAM Protect
■ Low-Power Consumption: 60 mW
■ Fast Instruction Pointer: 0.75 µs
■ Two Standby Modes: STOP and HALT
■ Digital Inputs CMOS Levels, Schmitt-Triggered
■ Software Programmable Low EMI Mode
■ Two Programmable 8-Bit Counter/Timers Each with a 6-Bit Programmable Prescaler
■ Six Vectored, Priority Interrupts from Six Different Sources
■ Two Comparators
■ On-Chip Oscillator that Accepts a Crystal, Ceramic Resonator, LC, RC, or External Clock Drive




Similar Part No. - Z86E40

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E40 ZILOG-Z86E40 Datasheet
1Mb / 348P
General-Purpose Register File. Flexible I/O. Analog Inputs
Z86E4016FEC ZILOG-Z86E4016FEC Datasheet
751Kb / 64P
Z8 4K OTP MICROCONTROLLER
Z86E4016FSC ZILOG-Z86E4016FSC Datasheet
751Kb / 64P
Z8 4K OTP MICROCONTROLLER
Z86E4016PEC ZILOG-Z86E4016PEC Datasheet
751Kb / 64P
Z8 4K OTP MICROCONTROLLER
Z86E4016PSC ZILOG-Z86E4016PSC Datasheet
751Kb / 64P
Z8 4K OTP MICROCONTROLLER
More results


Similar Description - Z86E40

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
CMOS Z8 OTP MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
CMOS Z8 OTP MICROCONTROLLER
Z86E33 ZILOG-Z86E33 Datasheet
45Kb / 10P
CMOS Z8 OTP Microcontrollers
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
CMOS Z8 OTP Microcontroller
Z86E09 ZILOG-Z86E09 Datasheet
305Kb / 38P
Z8 CMOS OTP Microcontrollers
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
CMOS Z8 OTP MICROCONTROLLER
Z86E3116SSG ZILOG-Z86E3116SSG Datasheet
751Kb / 64P
Z8 4K OTP MICROCONTROLLER
Z86E0412PEG ZILOG-Z86E0412PEG Datasheet
833Kb / 45P
CMOS Z8 OTP MICROCONTROLLERS
Z86E4016PSG ZILOG-Z86E4016PSG Datasheet
5Mb / 64P
Z8 4K OTP MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com