Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z89136 Datasheet (PDF) - Zilog, Inc.

Z89136 Datasheet PDF - Zilog, Inc.
Part # Z89136
Download  Z89136 Download
File Size   328.79 Kbytes
Page   66 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Low-Cost DTAD Controller

Z89136 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z89136 Datasheet PDF - Zilog, Inc.

Part # Z89136
Download  Z89136 Click to download

File Size   328.79 Kbytes
Page   66 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description Low-Cost DTAD Controller

Z89136 Datasheet (HTML) - Zilog, Inc.


Z89136 Product details

GENERAL DESCRIPTION
The Z89135/136 is a fully integrated, dual processor controller designed for low-cost digital telephone answering machines. The I/O control processor is a Z8® MCU with 24 KB of program memory, two 8-bit counter/timers, and up to 47 I/O pins. The DSP is a 16-bit processor with a 24-bit ALU and accumulator, 512 x 16 bits of RAM, single cycle instructions, and 6K word program ROM plus constants memory. The chip also contains a half-flash 8-bit A/D converter with up to 128 kHz sample rate and 10-bit PWM D/A converter. The sampling rates for the converters are programmable. The precision of the 8-bit A/D may be extended by resampling the data at a lower rate in software.
   
FEATURES
■ 24 KB of Z8 Program ROM (Z89135)
■ Watch-Dog Timer and Power-On Reset
■ Low Power STOP Mode
■ On-Chip Oscillator which Accepts a Crystal or External
    Clock Drive
■ Two 8-Bit Z8 Counter Timers with 6-Bit Prescaler
■ Global Power-Down Mode
■ Low Power Consumption - 200 mW (typical)
■ Two Comparators with Programmable Interrupt Priority
■ Six Vectored, Priority Z8 Interrupts
■ RAM and ROM Protect
■ Clock Speed of 20.48 MHz
■ 16-Bit Digital Signal Processor (DSP)
■ 6K Word DSP Program ROM
■ 512 Words On-Chip DSP RAM
■ 8-Bit A/D Converter with up to 128 kHz Sample Rate
■ 10-Bit PWM D/A Converter (4 kHz to 64 kHz)
■ Three Vectored, Prioritized DSP Interrupts
■ Two DSP Timers to Support Different A/D and
■ D/A Sampling Rates
■ Z8 and DSP Operation in Parallel
■ IBM® PC-Based Development Tools
■ Developer’s Toolbox for T.A.M. Applications
   




Similar Part No. - Z89136

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89138 ZILOG-Z89138 Datasheet
436Kb / 66P
Voice Processing Controllers
Z89139 ZILOG-Z89139 Datasheet
436Kb / 66P
Voice Processing Controllers
More results


Similar Description - Z89136

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89165 ZILOG-Z89165 Datasheet
196Kb / 22P
DTAD CONTROLLERS
logo
List of Unclassifed Man...
BI3102 ETC-BI3102 Datasheet
158Kb / 6P
LOW COST PWM CCFL CONTROLLER
TVGA9000 ETC1-TVGA9000 Datasheet
836Kb / 12P
LOW COST VGA CONTROLLER
TVGA9000C ETC1-TVGA9000C Datasheet
1Mb / 22P
LOW COST VGA CONTROLLER
TVGA9000I ETC1-TVGA9000I Datasheet
1Mb / 23P
LOW COST VGA CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301_05 Datasheet
319Kb / 27P
Low-cost USB Hub Controller
logo
Maxim Integrated Produc...
DS3991 MAXIM-DS3991 Datasheet
468Kb / 16P
Low-Cost CCFL Controller
Rev 0; 1/08
logo
Renesas Technology Corp
TW8819 RENESAS-TW8819 Datasheet
155Kb / 2P
Ultra Low Cost LCD Controller
logo
Maxim Integrated Produc...
MAX8722A MAXIM-MAX8722A Datasheet
383Kb / 20P
Low-Cost CCFL Backlight Controller
19-3321; Rev 0; 10/05
logo
List of Unclassifed Man...
BIT3251 ETC-BIT3251 Datasheet
154Kb / 7P
Low Cost PWM Controller
Version: A0 2006/7/7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com