Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z90102 Datasheet (PDF) - Zilog, Inc.

Z90102 Datasheet PDF - Zilog, Inc.
Part # Z90102
Download  Z90102 Download
File Size   232.31 Kbytes
Page   36 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description 40-Pin Low-Cost Digital Television Controller

Z90102 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z90102 Datasheet PDF - Zilog, Inc.

Part # Z90102
Download  Z90102 Click to download

File Size   232.31 Kbytes
Page   36 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description 40-Pin Low-Cost Digital Television Controller

Z90102 Datasheet (HTML) - Zilog, Inc.


Z90102 Product details

GENERAL DESCRIPTION

The Z90102/3/4 40-pin Low-Cost Digital Television Controller are members of the Z8®STOP Mode MCU single chip family with 4, 6, and 8 KB of ROM and 236 bytes of RAM. The device is offered in a 40-pin package and is CMOS compatible. The DTC offers mask programmed ROM which enables the Z8® MCU to be used in a high volume production application device embedded with a custom program (customer supplied program) and combines together with the Z86C27 and Z86127 to provide support for mid range and low end TV applications.



FEATURES

8-Bit CMOS Microcontroller for Consumer Television, Cable and Satellite Receiver Applications.

■ Lowest Cost DTC Family Member

■ Low Power Consumption

■ Fast Instruction Pointer - 1.5 ms @ 4 MHz

■ Two Standby Modes - STOP and HALT

■ Low Voltage Detection/Voltage Sensitive Reset

■ Port 2 (8-Bit Programmable I/O) and Port 3 (2-Bit Input, 3-Bit Output) Register Mapped Ports

■ Port 6 (6-Bit Input and Tristate Comparator AFC Input) Memory Mapped I/O Ports

■ All Digital CMOS Levels Schmitt-Triggered

■ Two Programmable 8-Bit Counter/Timers each with 6- Bit Programmable Prescaler.

■ Six Vectored, Priority Interrupts from Six Different Sources

■ Clock Speed up to 4 MHz

■ On-Chip Oscillator that Accepts a Crystal, Ceramic Resonator, LC or External Clock Drive

■ Permanently Enabled Watch-Dog/Power-On Reset Timer

■ 3K x 6-Bit Character Generator ROM

■ 120 x 7-Bit Video RAM

■ Mask Programmable 96-Character Set Display. The 90102 and 90103 6-Row x 20 Column Format, 12x15 Pixel Character Cell. The 90104 8-Row x 20 Column Format 12x15 Pixel Character Cell. The 90102, 90103 90104 Capable of supporting English, Korean, Thai, Chinese and Japanese High Resolution Characters.

■ Fully Programmable Color Attributes Including Row Character, Row Background/Fringes, Frame Background/Position, Bar Graph Color Change, and Character Size.

■ Programmable Display Position and Character Size Control

■ One Pulse Width Modulator (14-Bit Resolution) for Voltage Synthesis Tuner Control.

■ Three Pulse Width Modulator (8-Bit Resolution) for Picture Control

■ Three Pulse Width Modulators (6-Bit Resolution) for Audio Control



 




Similar Part No. - Z90102

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z90110 ZILOG-Z90110 Datasheet
69Kb / 8P
40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
Z90120 ZILOG-Z90120 Datasheet
69Kb / 8P
40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
Z90130 ZILOG-Z90130 Datasheet
69Kb / 8P
40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
More results


Similar Description - Z90102

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z86127 ZILOG-Z86127 Datasheet
106Kb / 8P
LOW-COST DIGITAL TELEVISION CONTROLLER (LDTC)
Z86227 ZILOG-Z86227 Datasheet
65Kb / 8P
40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z86247 ZILOG-Z86247 Datasheet
65Kb / 8P
40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER (4LDTC)
Z90110 ZILOG-Z90110 Datasheet
69Kb / 8P
40-PIN LOW-COST DIGITAL TELEVISION CONTROLLER
Z90341 ZILOG-Z90341 Datasheet
69Kb / 7P
DIGITAL TELEVISION CONTROLLER
Z90365 ZILOG-Z90365 Datasheet
35Kb / 8P
Digital Television Controller
Z89300 ZILOG-Z89300 Datasheet
86Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89302 ZILOG-Z89302 Datasheet
74Kb / 8P
Digital Television Controller
Z89303 ZILOG-Z89303 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
Z89313 ZILOG-Z89313 Datasheet
52Kb / 8P
DIGITAL TELEVISION CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com