Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z8E001 Datasheet (PDF) - Zilog, Inc.

Z8E001 Datasheet PDF - Zilog, Inc.
Part # Z8E001
Download  Z8E001 Download
File Size   209.52 Kbytes
Page   49 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS OTP Microcontroller

Z8E001 Datasheet (PDF)

Go To PDF Page Download Datasheet
Z8E001 Datasheet PDF - Zilog, Inc.

Part # Z8E001
Download  Z8E001 Click to download

File Size   209.52 Kbytes
Page   49 Pages
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.
Description CMOS OTP Microcontroller

Z8E001 Datasheet (HTML) - Zilog, Inc.


Z8E001 Product details

GENERAL DESCRIPTION
Allowing easy software development, debug, and prototyping, ZiLOGs new Z8E001 Microcontroller (MCU) offers a cost-effective One-Time Programmable (OTP) solution to its single-chip Z8Plus MCU family.

Microcontroller Core Features
● All Instructions Execute in one 1 µs Instruction Cycle with a 10 MHz Crystal
● 1K x 8 On-Chip OTP EPROM Memory
● 64 x 8 General-Purpose Registers (SRAM)
● Six Vectored Interrupts with Fixed Priority
● Operating Speed: DCÐ10 MHz
● Six Addressing Modes: R, IR, X, D, RA, & IM

Peripheral Features
● 13 Total Input/Output Pins
● One 8-Bit I/O Port (Port A)
    - I/O Bit Programmable
    - Each Bit Programmable as Push-Pull or Open Drain
● One 5-Bit I/O Port (Port B)
    - I/O Bit Programmable
    - Includes Special Functionality: Stop-Mode Recovery Input, Comparator Inputs, Selectable Edge Interrupts, and Timer Output
● One Analog Comparator
● 16-Bit Programmable Watch-Dog Timer (WDT)
● Software Programmable Timers Configurable as:
    - Two 8-Bit Standard Timers and One 16-Bit Standard Timer, or
    - One 16-Bit Standard Timer and One 16-Bit Pulse Width Modulator (PWM) Timer

Additional Features
● On-Chip Oscillator that accepts an XTAL, Ceramic Resonator, LC, or External Clock
● Programmable Options:
    - EPROM Protect
● Power Reduction Modes:
    - HALT Mode with Peripheral Units Active
    - STOP Mode with all Functionality Shut Down

CMOS/Technology Features
● Low-Power Consumption
● 3.5V to 5.5V Operating Range @ 0°C to +70°C
    4.5V to 5.5V Operating Range @ Ð40°C to +105°C
● 18-Pin DIP, SOIC, and 20-Pin SSOP Packages.




Similar Part No. - Z8E001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Z8E00110PSC ETC-Z8E00110PSC Datasheet
69Kb / 1P
electronics
Z8E00110SSC ETC-Z8E00110SSC Datasheet
69Kb / 1P
electronics
More results


Similar Description - Z8E001

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48R06A-1 HOLTEK-HT48R06A-1 Datasheet
319Kb / 44P
8-Bit OTP Microcontroller
February 25, 2000
logo
Zilog, Inc.
Z86E21 ZILOG-Z86E21 Datasheet
162Kb / 12P
CMOS Z8 OTP MICROCONTROLLER
Z86E23 ZILOG-Z86E23 Datasheet
71Kb / 6P
CMOS Z8 OTP MICROCONTROLLER
Z86E64 ZILOG-Z86E64 Datasheet
91Kb / 12P
CMOS Z8 OTP Microcontroller
logo
Holtek Semiconductor In...
HT46R23 HOLTEK-HT46R23 Datasheet
1Mb / 42P
8-Bit OTP Microcontroller
August 17, 2001
logo
ATMEL Corporation
TS80C54X2 ATMEL-TS80C54X2 Datasheet
1Mb / 58P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Zilog, Inc.
Z86E02SL1925 ZILOG-Z86E02SL1925 Datasheet
75Kb / 18P
CMOS Z8 OTP MICROCONTROLLER
Z86E22 ZILOG-Z86E22 Datasheet
276Kb / 10P
CMOS Z8 OTP MICROCONTROLLER
logo
ATMEL Corporation
TS80C54 ATMEL-TS80C54 Datasheet
527Kb / 62P
8-bit CMOS Microcontroller 16/32 Kbytes ROM/OTP
logo
Zilog, Inc.
Z86E3116SSG ZILOG-Z86E3116SSG Datasheet
751Kb / 64P
Z8 4K OTP MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com