Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1117T Datasheet (PDF) - Alpha Industries

AS1117T Datasheet PDF - Alpha Industries
Part # AS1117T
Download  AS1117T Download
File Size   76.69 Kbytes
Page   11 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 800mA Low Dropout Regulator SCSI-II Active Terminator

AS1117T Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1117T Datasheet PDF - Alpha Industries

Part # AS1117T
Download  AS1117T Click to download

File Size   76.69 Kbytes
Page   11 Pages
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries
Description 800mA Low Dropout Regulator SCSI-II Active Terminator

AS1117T Datasheet (HTML) - Alpha Industries


AS1117T Product details

PRODUCT DESCRIPTION

The ALPHA Semiconductor AS1117 is a low power positive-voltage regulator designed to meet 800mA output current and comply with SCSI-II specifications with a fixed output voltage of 2.85V. This device is an excellent choice for use in battery-powered applications, as active terminators for the SCSI bus, and portable computers. The AS1117 features very low quiescent current and very low dropout voltage of 1.2V at a full load and lower as output current decreases. AS1117 is available as an adjustable or fixed 2.85V, 3V, 3.3V, and 5V output voltages.



FEATURES

· Guaranteed 800mA Output

· Three Terminal Adjustable Or Fixed 1.5V, 2.5V, 2.85V, 3V, 3.3V & 5V

· Very Low Quiescent Current

· Low Dropout Voltage Of 1.2 Volts At Full Load

· Extremely Tight Load And Line Regulation

· Very Low Temperature Coefficient

· Fixed 2.85V Device For SCSI-II Active Terminator

· Logic-Controlled Electronic Shutdown

· Internal Overcurrent Limiting & Thermal Overload Protection

· Surface Mount Package SOT-223, TO-252, TO-220, SOT-89, TO-263, & SO-8



APPLICATIONS

· SCSI-II Active Terminator

· Portable/ Palm Top / Notebook Computers

· Battery Chargers

· Disk Drives

· Portable Consumer Equipment

· Portable Instrumentation

· SMPS Post-Regulator




Similar Part No. - AS1117T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1117 AMSCO-AS1117 Datasheet
1Mb / 24P
64 LED Driver for Mobile Applications with Error Detection
AS1117-BQFT AMSCO-AS1117-BQFT Datasheet
1Mb / 24P
64 LED Driver for Mobile Applications with Error Detection
More results


Similar Description - AS1117T

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34268 ONSEMI-MC34268 Datasheet
115Kb / 8P
SCSI-2 Active Terminator Regulator
April, 2000 ??Rev. 1
logo
Panasonic Semiconductor
AN8612NSR PANASONIC-AN8612NSR Datasheet
56Kb / 5P
SCSI Active Terminator IC
logo
Texas Instruments
UC5601 TI-UC5601 Datasheet
314Kb / 6P
SCSI Active Terminator
UC5602 TI-UC5602 Datasheet
361Kb / 6P
SCSI Active Terminator
logo
Rohm
BH9595FP-Y ROHM-BH9595FP-Y Datasheet
69Kb / 6P
SCSI active terminator
logo
Calogic, LLC
CLM1117 CALOGIC-CLM1117 Datasheet
47Kb / 4P
800mA Low Dropout Regulator SCSI-II Active Terminator
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204 Datasheet
28Kb / 4P
SCSI-II Active Terminator Preliminary Information
logo
Micro Linear Corporatio...
ML6509 MICRO-LINEAR-ML6509 Datasheet
232Kb / 10P
Active SCSI Terminator
logo
Micrel Semiconductor
MIC5204 MICREL-MIC5204_02 Datasheet
40Kb / 8P
SCSI-II Active Terminator
logo
Texas Instruments
UC5601 TI1-UC5601_15 Datasheet
389Kb / 9P
SCSI Active Terminator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com