Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9564 Datasheet (PDF) - NXP Semiconductors

PCA9564 Datasheet PDF - NXP Semiconductors
Part # PCA9564
Download  PCA9564 Download
File Size   222.04 Kbytes
Page   31 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Parallel bus to I2C-bus controller

PCA9564 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCA9564 Datasheet PDF - NXP Semiconductors

Part # PCA9564
Download  PCA9564 Click to download

File Size   222.04 Kbytes
Page   31 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Parallel bus to I2C-bus controller

PCA9564 Datasheet (HTML) - NXP Semiconductors


PCA9564 Product details

DESCRIPTION
The PCA9564 is an integrated circuit designed in CMOS technology that serves as an interface between most standard parallel-bus microcontrollers/microprocessors and the serial I2C-bus and allows the parallel bus system to communicate bi-directionally with the I2C-bus. The PCA9564 can operate as a master or a slave and can be a transmitter or receiver. Communication with the I2C-bus is carried out on a byte-wise basis using interrupt or polled handshake.
The PCA9564 controls all the I2C-bus specific sequences, protocol, arbitration and timing with no external timing element required.

FEATURES
• Parallel-bus to I2C-bus protocol converter and interface
• Both master and slave functions
• Multi-master capability
• Internal oscillator reduces external components
• Operating supply voltage 2.3 V to 3.6 V
• 5 V tolerant I/Os
• Standard and fast mode I2C capable and compatible with SMBus
• ESD protection exceeds 2000 V HEM per JESD22-A114, 200 V MM per JESD22-A115, and 1000 V CDM per JESD22-C101
• Latch-up testing is done to JEDEC Standard JESD78 which exceed 100 mA.
• Packages offered: DIP20, SO20, TSSOP20, HVQFN20

APPLICATIONS
• Add I2C-bus port to controllers/processors that do not have one
• Add additional I2C-bus ports to controllers/processors that need multiple I2C-bus ports
• Higher frequency, lower voltage migration path for the PCF8584
• Converts 8 bits of parallel data to serial data stream to prevent having to run a large number of traces across the entire PC board




Similar Part No. - PCA9564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9564 PHILIPS-PCA9564 Datasheet
248Kb / 32P
Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564 NXP-PCA9564 Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
PCA9564 NXP-PCA9564 Datasheet
248Kb / 32P
Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564BS PHILIPS-PCA9564BS Datasheet
248Kb / 32P
Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564BS NXP-PCA9564BS Datasheet
248Kb / 32P
Parallel bus to I2C-bus controller
2006 Sep 01
More results


Similar Description - PCA9564

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
I2C-bus controller
1997 Oct 21
PCA9665 PHILIPS-PCA9665 Datasheet
419Kb / 91P
Fm parallel bus to I2C-bus controller
Rev. 02-7 December 2006
PCA9665 NXP-PCA9665 Datasheet
427Kb / 90P
Fm parallel bus to I2C-bus controller
Rev. 03-12 August 2008
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
I2C-bus to SPI bridge
Rev. 5-3 August 2010
PCA9663 NXP-PCA9663 Datasheet
1Mb / 66P
Parallel bus to 3 channel Fm I2C-bus controller
Rev. 1-6 June 2011
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564PW-T NXP-PCA9564PW-T Datasheet
248Kb / 32P
Parallel bus to I2C-bus controller
2006 Sep 01
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
I2C-bus to SPI bridge
Rev.1.0-15 September 2021
PCA9665 NXP-PCA9665_V01 Datasheet
710Kb / 92P
Fm parallel bus to I2C-bus controller
Rev. 4-29 September 2011
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com