Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH6005LPS-13 Datasheet (PDF) - Diodes Incorporated

DMTH6005LPS-13 Datasheet PDF - Diodes Incorporated
Part # DMTH6005LPS-13
Download  DMTH6005LPS-13 Download
File Size   577.81 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH6005LPS-13 Datasheet (PDF)

Go To PDF Page Download Datasheet
DMTH6005LPS-13 Datasheet PDF - Diodes Incorporated

Part # DMTH6005LPS-13
Download  DMTH6005LPS-13 Click to download

File Size   577.81 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET

DMTH6005LPS-13 Datasheet (HTML) - Diodes Incorporated


DMTH6005LPS-13 Product details

Description and Applications
This MOSFET is designed to minimize the on-state resistance (RDS(ON)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.

• High Frequency Switching
• Sync. Rectification
• DCDC Converters

Features
• Rated to +175°C – Ideal for High Ambient Temperature
   Environments
• 100% Unclamped Inductive Switching – ensures more reliable and
   robust end application
• Low RDS(ON) – minimizes power losses
• Low Qg – minimizes switching losses
• Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability
• An Automotive-Compliant Part is Available Under Separate
   Datasheet (DMTH6005LPSQ)




Similar Part No. - DMTH6005LPS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6005LPS-13 DIODES-DMTH6005LPS-13 Datasheet
460Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results


Similar Description - DMTH6005LPS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6004LPS DIODES-DMTH6004LPS Datasheet
510Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH6004SCTB DIODES-DMTH6004SCTB Datasheet
546Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMTH6004SCTBQ DIODES-DMTH6004SCTBQ Datasheet
554Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH6004SPS DIODES-DMTH6004SPS Datasheet
491Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMTH6004SPSQ DIODES-DMTH6004SPSQ Datasheet
486Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH6005LPSQ DIODES-DMTH6005LPSQ Datasheet
341Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH6009LK3Q DIODES-DMTH6009LK3Q Datasheet
561Kb / 6P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH6010LK3Q DIODES-DMTH6010LK3Q Datasheet
463Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMTH6010LPSQ DIODES-DMTH6010LPSQ Datasheet
571Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
DMTH6010SK3 DIODES-DMTH6010SK3 Datasheet
554Kb / 7P
60V 175C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com