Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M37641M8 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M37641M8 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M37641M8
Download  M37641M8 Download
File Size   1997.92 Kbytes
Page   149 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37641M8 Datasheet (PDF)

Go To PDF Page Download Datasheet
M37641M8 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M37641M8
Download  M37641M8 Click to download

File Size   1997.92 Kbytes
Page   149 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M37641M8 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M37641M8 Product details

DESCRIPTION
The 7641 group is the 8-bit microcomputer based on the 7600 series core (740 family core compatible) technology.
The 7641 group is designed for PC peripheral devices, including the USB, DMAC, Serial I/O, UART, Timer, Master CPU bus interface and so on.

FEATURES
<Microcomputer mode)
● Basic machine-language instructions ....................................... 71
● Minimum instruction execution time ..................................... 83 ns
                                                      (at 24 MHz oscillation frequency)
● Memory size
   ROM ............................................................................. 32 Kbytes
   RAM ................................................................................ 1 Kbytes
● Programmable input/output ports ............................................. 66
● Software pull-up resistors .................................................. Built-in
● Interrupts ................................................... 24 sources, 24 vectors
                    (external 5 including Key input, internal 18, software 1)
● USB function control unit
   Transceiver ............................................... USB std. spec. ver.1.1
● Timers ..................................................... 16-bit ✕ 2 (Timers X, Y)
                                                                    8-bit ✕ 3 (Timers 1, 2, 3)
● Serial I/O ......................................................................... 8-bit ✕ 1
● UART .............................................................................. 8-bit ✕ 2
● DMAC .......................................................................... 2 channels
● Master CPU bus interface ................................................. 2 bytes
● Special count source generator ...................................... 8-bit ✕ 1
● Clock generating circuit ..................................................... Built-in
   (connect to external ceramic resonator or quartz-crystal oscillator)
● Power source voltage
   At 24 MHz oscillation frequency, φ = 12 MHz ......... 4.15 to 5.25 V
   At 24 MHz oscillation frequency, φ = 6 MHz ........... 3.00 to 3.60 V
● Operating temperature range .................................... –20 to 70°C
● Packages
   FP ............................................................. 80P6N-A (80-pin QFP)
   HP ........................................................... 80P6Q-A (80-pin LQFP)

<Flash memory mode>
● Power source voltage
   At 24 MHz oscillation frequency, φ = 6 MHz ........... 4.15 to 5.25 V
   At 24 MHz oscillation frequency, φ = 6 MHz ........... 3.00 to 3.60 V
● Program/Erase voltage ............................. VPP = 4.50 V to 5.25 V
                                       At 24 MHz oscillation frequency, φ = 6 MHz
● Memory size
   Flash ROM .................................................................... 32 Kbytes
   RAM ............................................................................. 2.5 Kbytes
● Flash memory mode ....................................................... 3 modes
   Parallel I/O mode
   Standard serial I/O mode
   CPU rewrite mode
● Programming method ....................... Programming in unit of byte
● Erasing method
   Batch erasing
   Block erasing
● Program/Erase control by software command
● Command number ................................................... 6 commands
● Number of times for programming/erasing ............................. 100
● ROM code protection
   Available in parallel I/O mode and standard serial I/O mode

APPLICATION
   Audio, musical instrument, printer, scanner, modem, other PC peripheral devices




Similar Part No. - M37641M8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37641M8E8-XXXFP RENESAS-M37641M8E8-XXXFP Datasheet
1Mb / 138P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37641M8M8-XXXFP RENESAS-M37641M8M8-XXXFP Datasheet
1Mb / 138P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Similar Description - M37641M8

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com