Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4N31 Datasheet (PDF) - KODENSHI_AUK CORP.

K4N31 Datasheet PDF - KODENSHI_AUK CORP.
Part # K4N31
Download  K4N31 Download
File Size   234.63 Kbytes
Page   3 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)

K4N31 Datasheet (PDF)

Go To PDF Page Download Datasheet
K4N31 Datasheet PDF - KODENSHI_AUK CORP.

Part # K4N31
Download  K4N31 Click to download

File Size   234.63 Kbytes
Page   3 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)

K4N31 Datasheet (HTML) - KODENSHI_AUK CORP.


K4N31 Product details

Photocoupler

These Photocouplers cosist of a Gallium Arsenide Infrared Emitting Diode and a Silicon NPN Photo Darlington transistor in a 6-pin package.

FEATURES
• Small Package Size
• Collector-Emitter Voltage : Min.30V
• Current Transfer Ratio : Type 1000% (at IF=10mA, VCE=10V)
• Electrical Isolation Voltage : AC2500Vrms
• UL Recognized File No. E107486

APPLICATIONS
• Interface between two circuits of different potential
• Telephone Line Receiver, CMOS Logic Interface
• Power Supply Regulators




Similar Part No. - K4N31

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N30 KODENSHI-K4N30 Datasheet
235Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N32 KODENSHI-K4N32 Datasheet
258Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N33 KODENSHI-K4N33 Datasheet
234Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N36 KODENSHI-K4N36 Datasheet
157Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results


Similar Description - K4N31

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N25G KODENSHI-K4N25G Datasheet
187Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N29 KODENSHI-K4N29 Datasheet
237Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K4N33 KODENSHI-K4N33 Datasheet
234Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K3620 KODENSHI-K3620 Datasheet
110Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
K5620 KODENSHI-K5620 Datasheet
120Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
KPC2020 KODENSHI-KPC2020 Datasheet
193Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
KPC3020 KODENSHI-KPC3020 Datasheet
123Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
KPC3051 KODENSHI-KPC3051 Datasheet
62Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18K1 KODENSHI-PC-18K1 Datasheet
80Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
PC-18T1 KODENSHI-PC-18T1 Datasheet
188Kb / 3P
Photocoupler(These Photocouplers cosist of a Gallium Arsenide Infrared Emitting)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com