Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC17T1 Datasheet (PDF) - KODENSHI_AUK CORP.

PC17T1 Datasheet PDF - KODENSHI_AUK CORP.
Part # PC17T1
Download  PC17T1 Download
File Size   568.77 Kbytes
Page   3 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)

PC17T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC17T1 Datasheet PDF - KODENSHI_AUK CORP.

Part # PC17T1
Download  PC17T1 Click to download

File Size   568.77 Kbytes
Page   3 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)

PC17T1 Datasheet (HTML) - KODENSHI_AUK CORP.


PC17T1 Product details

These Photocouplers consist of a Gallium Arsenide Infrared Emitting
Diode and a Silicon NPN Phototransistor per channel
The PC-17T1 has one channel in a 4-pin DIP package
The PC-17T2 has two channels in a 8-pin DIP package
The PC-17T4 has four channels in a 16-pin DIP package

FEATURES
• Small Package Size
• Collector-Emitter Voltage : Min.35V
• Current Transfer Ratio : Min.50% (at I F=5mA, VCE=5V)
• Electrical Isolation Voltage : AC2500Vrms
• UL Recognized File No. E107486

APPLICATIONS
• Interface between two circuits of different potential
• Vending Machine, Cordless Phone, Key Phone, Fax, Motor Control
• Programmable Logic Control
• Power Supply
• Computer Terminals




Similar Part No. - PC17T1

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PC17.07.0070A TAOGLAS-PC17.07.0070A Datasheet
405Kb / 9P
Cable and Connector fully customizable
logo
List of Unclassifed Man...
PC17070070A ETC2-PC17070070A Datasheet
473Kb / 8P
Miniature 2.4GHz PCB antenna with cable and connector
logo
Taoglas antenna solutio...
PC17070070A TAOGLAS-PC17070070A Datasheet
405Kb / 9P
Miniature 2.4GHz PCB antenna with cable and connector
logo
Laird Tech Smart Techno...
PC17113N LSTD-PC17113N Datasheet
786Kb / 1P
One-piece brass radiating element
logo
FIBOX Enclosing innovat...
PC175/175XHG FIBOX-PC175/175XHG Datasheet
441Kb / 2P
Enclosure. PC
05.08.2022
More results


Similar Description - PC17T1

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N25 KODENSHI-K4N25 Datasheet
256Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N27 KODENSHI-K4N27 Datasheet
203Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N28 KODENSHI-K4N28 Datasheet
224Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N38 KODENSHI-K4N38 Datasheet
191Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K301 KODENSHI-K301 Datasheet
203Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K3610 KODENSHI-K3610 Datasheet
193Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17L1 KODENSHI-PC-17L1 Datasheet
288Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com