Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPS Datasheet (PDF) - Digitron Semiconductors

EPS Datasheet PDF - Digitron Semiconductors
Part # EPS
Download  EPS Download
File Size   448.24 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description TVS BIDIRECTIONAL 1000W, 5 to 48V

EPS Datasheet (PDF)

Go To PDF Page Download Datasheet
EPS Datasheet PDF - Digitron Semiconductors

Part # EPS
Download  EPS Click to download

File Size   448.24 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description TVS BIDIRECTIONAL 1000W, 5 to 48V

EPS Datasheet (HTML) - Digitron Semiconductors


EPS Product details

FEATURES
● Available as “HR” (high reliability) screened per<MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
● Available as non-RoHS (Sn/Pb plating), standard, and as RoHS by adding “-PBF” suffix.




Similar Part No. - EPS

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EPS BOURNS-EPS Datasheet
179Kb / 3P
Digital Contacting Encoder With Momentary Switch Option
logo
Mean Well Enterprises C...
EPS-120 MEANWELL-EPS-120 Datasheet
581Kb / 4P
120W Single Output Switching Power Supply
logo
Premium PSU
EPS-120-5192 PSU-EPS-120-5192 Datasheet
1Mb / 20P
120/200W DC OUTPUT UPS
logo
Mean Well Enterprises C...
EPS-15 MEANWELL-EPS-15 Datasheet
925Kb / 2P
15W SINGLE OUTPUT SWITCHING POWER SUPPLY
EPS-15 MEANWELL-EPS-15_13 Datasheet
926Kb / 3P
15W SINGLE OUTPUT SWTICHING POWER SUPPLY
More results


Similar Description - EPS

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
EPS5 DIGITRON-EPS5 Datasheet
283Kb / 2P
TVS BIDIRECTIONAL, 5 TO 48V, 1000W
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
BIDIRECTIONAL TVS DIODE
YSMDAXXC-7 YEASHIN-YSMDAXXC-7 Datasheet
810Kb / 3P
BIDIRECTIONAL TVS ARRAY
logo
Diodes Incorporated
D5V0M5B6LP16 DIODES-D5V0M5B6LP16 Datasheet
292Kb / 5P
5 CHANNEL HIGH SURGE BIDIRECTIONAL TVS DIODE
Rev 1
logo
Protek Devices
PLED3631X23NB PROTEC-PLED3631X23NB Datasheet
293Kb / 3P
BIDIRECTIONAL TVS DIE
logo
Yea Shin Technology Co....
YSESD3Z15BT1G YEASHIN-YSESD3Z15BT1G Datasheet
723Kb / 3P
BIDIRECTIONAL TVS DIODES
logo
Will Semiconductor Ltd.
SPD82152BH WILLSEMI-SPD82152BH Datasheet
243Kb / 3P
1-Line, 1000W, TVS
logo
Shanghai Leiditech Elec...
MY05ESD1 LEIDITECH-MY05ESD1 Datasheet
510Kb / 3P
BIDIRECTIONAL TVS DIODE
SD03C03B LEIDITECH-SD03C03B Datasheet
194Kb / 3P
BIDIRECTIONAL TVS DIODE
SD05CL LEIDITECH-SD05CL Datasheet
313Kb / 3P
BIDIRECTIONAL TVS DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com