Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D5V0F1U2LP Datasheet (PDF) - Diodes Incorporated

D5V0F1U2LP Datasheet PDF - Diodes Incorporated
Part # D5V0F1U2LP
Download  D5V0F1U2LP Download
File Size   258.64 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY

D5V0F1U2LP Datasheet (PDF)

Go To PDF Page Download Datasheet
D5V0F1U2LP Datasheet PDF - Diodes Incorporated

Part # D5V0F1U2LP
Download  D5V0F1U2LP Click to download

File Size   258.64 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY

D5V0F1U2LP Datasheet (HTML) - Diodes Incorporated


D5V0F1U2LP Product details

Features
• IEC 61000-4-2 (ESD): Air ±20kV, Contact ±15kV
• 1 Channel of ESD Protection
• Low Channel Input Capacitance of 0.5pF Typical
• Low Profile Package (0.53mm max) and Ultra-small PCB
   Footprint Area (1.08 * 0.68mm max) Suitable for Compact
   Portable Electronics
• Typically Used at High Speed Ports such as USB 2.0,
   IEEE1394, Serial ATA, DVI, HDMI, PCI
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - D5V0F1U2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0F1U2LP-13 DIODES-D5V0F1U2LP-13 Datasheet
101Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 9
D5V0F1U2LP-7 DIODES-D5V0F1U2LP-7 Datasheet
101Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 9
D5V0F1U2LP-7B DIODES-D5V0F1U2LP-7B Datasheet
101Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 9
logo
TECH PUBLIC Electronics...
D5V0F1U2LP-TP TECHPUBLIC-D5V0F1U2LP-TP Datasheet
1Mb / 4P
Low Capactionce 1-Line Unidirectional TVS Diode
logo
Diodes Incorporated
D5V0F1U2LP3 DIODES-D5V0F1U2LP3 Datasheet
270Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 3
More results


Similar Description - D5V0F1U2LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-01LP-7B DIODES-D1213A-01LP-7B Datasheet
190Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 6
D1213A-01LP4 DIODES-D1213A-01LP4 Datasheet
117Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 5
D1213A-01T DIODES-D1213A-01T Datasheet
126Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 5
D1213A-01W DIODES-D1213A-01W Datasheet
139Kb / 5P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 8
D1213A-01WS DIODES-D1213A-01WS Datasheet
129Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
D1213A-01LP DIODES-D1213A-01LP Datasheet
119Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 6
D1213A-01LPQ DIODES-D1213A-01LPQ Datasheet
213Kb / 5P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
D1213A-01SO DIODES-D1213A-01SO Datasheet
122Kb / 5P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 11
D5V0F1U2LPQ DIODES-D5V0F1U2LPQ Datasheet
314Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
October 2019 Rev. 1 - 2
logo
TECH PUBLIC Electronics...
TPCM1213A-01SO TECHPUBLIC-TPCM1213A-01SO Datasheet
1,010Kb / 4P
1 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com