Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V23839-R36-L55 Datasheet (PDF) - Infineon Technologies AG

V23839-R36-L55 Datasheet PDF - Infineon Technologies AG
Part # V23839-R36-L55
Download  V23839-R36-L55 Download
File Size   636.1 Kbytes
Page   34 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector

V23839-R36-L55 Datasheet (PDF)

Go To PDF Page Download Datasheet
V23839-R36-L55 Datasheet PDF - Infineon Technologies AG

Part # V23839-R36-L55
Download  V23839-R36-L55 Click to download

File Size   636.1 Kbytes
Page   34 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description iSFF - Intelligent Small Form Factor 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector

V23839-R36-L55 Datasheet (HTML) - Infineon Technologies AG




Similar Part No. - V23839-R36-L55

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23832-R111-M101 INFINEON-V23832-R111-M101 Datasheet
667Kb / 30P
PAROLI 2 Tx AC, 1.6 Gbit/s
2003-11-19
V23832-R111-M101 INFINEON-V23832-R111-M101 Datasheet
668Kb / 30P
PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
V23832-R111-M101 INFINEON-V23832-R111-M101 Datasheet
709Kb / 33P
PAROLI 2 Tx AC, 1.25 Gbit/s
2003-11-19
V23832-R121-M101 INFINEON-V23832-R121-M101 Datasheet
667Kb / 30P
PAROLI 2 Tx AC, 1.6 Gbit/s
2003-11-19
V23832-R121-M101 INFINEON-V23832-R121-M101 Datasheet
668Kb / 30P
PAROLI 2 Tx AC, 2.7 Gbit/s
2003-05-21
More results


Similar Description - V23839-R36-L55

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-K305-B57 INFINEON-V23818-K305-B57 Datasheet
1Mb / 19P
SFP - Small Form-factor Pluggable Multimode 850 nm 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23818-K305-L17 INFINEON-V23818-K305-L17 Datasheet
2Mb / 16P
Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.25 Gigabit Ethernet Transceiver 2x5 Pinning with LC??Connector
2003-01-22
V23818-K305-L56 INFINEON-V23818-K305-L56 Datasheet
232Kb / 6P
Small Form Factor Multimode 850 nm 1.0625 GBd Fibre Channel 1.3 Gigabit Ethernet 2x5 Transceiver with LC??Connector
2001
V23818-M305-B57 INFINEON-V23818-M305-B57 Datasheet
1Mb / 19P
SFP - Small Form-factor Pluggable Multimode 850 nm 2.125 and 1.0625 Gbit/s Fibre Channel 1.25 Gigabit Ethernet Transceiver with LC??Connector
2003-04-25
V23838-M305-M56 INFINEON-V23838-M305-M56 Datasheet
619Kb / 21P
SFP-Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC??Connector
2004-06-23
V23848-M15-C56 INFINEON-V23848-M15-C56 Datasheet
712Kb / 29P
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-23
V23848-M15-C656 INFINEON-V23848-M15-C656 Datasheet
715Kb / 29P
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M15-C756 INFINEON-V23848-M15-C756 Datasheet
714Kb / 29P
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Single Mode 1310 nm Transceiver with LC Connector
2004-06-28
V23848-M305-C56 INFINEON-V23848-M305-C56 Datasheet
739Kb / 30P
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 2.125/1.0625 Gbit/s Fibre Channel Multimode 850 nm Transceiver with LC Connector
2004-06-23
V23849-R35-C55 INFINEON-V23849-R35-C55 Datasheet
808Kb / 34P
iSFP-Intelligent Small Form-factor Pluggable 1.25 Gigabit Ethernet 4.25/2.125/1.0625 Gbit/s Fibre Channel
2004-06-28
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com