Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D58V0F1A5LP37 Datasheet (PDF) - Diodes Incorporated

D58V0F1A5LP37 Datasheet PDF - Diodes Incorporated
Part # D58V0F1A5LP37
Download  D58V0F1A5LP37 Download
File Size   232.83 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 58V UNIDIRECTIONAL TVS DIODE ARRAY

D58V0F1A5LP37 Datasheet (PDF)

Go To PDF Page Download Datasheet
D58V0F1A5LP37 Datasheet PDF - Diodes Incorporated

Part # D58V0F1A5LP37
Download  D58V0F1A5LP37 Click to download

File Size   232.83 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 58V UNIDIRECTIONAL TVS DIODE ARRAY

D58V0F1A5LP37 Datasheet (HTML) - Diodes Incorporated


D58V0F1A5LP37 Product details

Features
• 2.7kW Peak Pulse Power (tp = 8x20µs)
• Provides ESD Protection per IEC 61000-4-2 Standard:
   Air ±30kV, Contact ±30kV
• 4 Channels of ESD Protection and 4 Decoupling Capacitances
• Typically Used in Power Over Ethernet PSE Equipment against
   Line Overvoltages
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)




Similar Part No. - D58V0F1A5LP37

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
D58 PETERMANN-D58 Datasheet
90Kb / 5P
HIGH RELIABILITY FOR LOW COST
logo
Infineon Technologies A...
D5807N INFINEON-D5807N Datasheet
199Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2007-10-22 revision:1
D5810N INFINEON-D5810N Datasheet
245Kb / 8P
Netz-Gleichrichterdiode Rectifier Diode
2009-05-13 revision:1.0
logo
List of Unclassifed Man...
D5884 ETC2-D5884 Datasheet
402Kb / 3P
4/6 VARIABLE TOOTH DESIGN-FAST CUT
D5885 ETC2-D5885 Datasheet
402Kb / 3P
4/6 VARIABLE TOOTH DESIGN-FAST CUT
More results


Similar Description - D58V0F1A5LP37

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX02M3 YEASHIN-YSDAXX02M3 Datasheet
748Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY
logo
ON Semiconductor
SMDA05-6R2 ONSEMI-SMDA05-6R2 Datasheet
147Kb / 4P
Unidirectional TVS Array
July, 2006 ??Rev. 3
logo
Shanghai Leiditech Elec...
LCC08DT LEIDITECH-LCC08DT Datasheet
129Kb / 3P
UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD05DT3 LEIDITECH-LCD05DT3 Datasheet
129Kb / 3P
UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD08DT3 LEIDITECH-LCD08DT3 Datasheet
129Kb / 3P
UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD12DT3 LEIDITECH-LCD12DT3 Datasheet
129Kb / 3P
UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD15DT3 LEIDITECH-LCD15DT3 Datasheet
129Kb / 3P
UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD18DT3 LEIDITECH-LCD18DT3 Datasheet
129Kb / 3P
UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
LCD33DT3 LEIDITECH-LCD33DT3 Datasheet
129Kb / 3P
UNIDIRECTIONAL / BIDIRECTIONAL LOW CAPACITANCE TVS DIODE ARRAY
logo
E-CMOS Corporation
ECCP05VU3-D7 E-CMOS-ECCP05VU3-D7 Datasheet
228Kb / 3P
UNIDIRECTIONAL TVS DIODE ARRAY
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com