Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFM8UB2 Datasheet (PDF) - Silicon Laboratories

EFM8UB2 Datasheet PDF - Silicon Laboratories
Part # EFM8UB2
Download  EFM8UB2 Download
File Size   952.08 Kbytes
Page   50 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description The EFM8UB2 highlighted features are listed below

EFM8UB2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EFM8UB2 Datasheet PDF - Silicon Laboratories

Part # EFM8UB2
Download  EFM8UB2 Click to download

File Size   952.08 Kbytes
Page   50 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description The EFM8UB2 highlighted features are listed below

EFM8UB2 Datasheet (HTML) - Silicon Laboratories


EFM8UB2 Product details

EFM8 Universal Bee Family
EFM8UB2 Data Sheet

Feature List
The EFM8UB2 highlighted features are listed below.
• Core:
   • Pipelined CIP-51 Core
   • Fully compatible with standard 8051 instruction set
   • 70% of instructions execute in 1-2 clock cycles
   • 48 MHz maximum operating frequency
• Memory:
   • Up to 64 KB flash memory, in-system re-programmable from firmware.
   • Up to 4352 bytes RAM (including 256 bytes standard 8051 RAM and 4096 bytes on-chip XRAM)
• Power:
   • Internal LDO regulator for CPU core voltage
   • Internal 5-to-3.3 V LDO allows direct connection to USB supply net
   • Power-on reset circuit and brownout detectors
• I/O: Up to 40 total multifunction I/O pins:
   • Flexible peripheral crossbar for peripheral routing
   • 10 mA source, 25 mA sink allows direct drive of LEDs
• Clock Sources:
   • Internal 48 MHz precision oscillator ( ±1.5% accuracy without USB clock recovery, ±0.25% accuracy with USB clock recovery)
   • Internal 80 kHz low-frequency oscillator
   • External crystal, RC, C, and CMOS clock options
• Timers/Counters and PWM:
   • 5-channel Programmable Counter Array (PCA) supporting PWM, capture/compare, and frequency output modes with watchdog timer function
   • 6 x 16-bit general-purpose timers
• Communications and Digital Peripherals:
   • Universal Serial Bus (USB) Function Controller with eight flexible endpoint pipes, integrated transceiver, and 1 KB FIFO RAM
   • 2 x UART
   • SPI™ Master / Slave
   • 2 x SMBus™/I2C™ Master / Slave
   • External Memory Interface (EMIF)
• Analog:
   • 10-Bit Analog-to-Digital Converter (ADC0)
   • 2 x Low-current analog comparators
• On-Chip, Non-Intrusive Debugging
   • Full memory and register inspection
   • Four hardware breakpoints, single-stepping
• Pre-loaded USB bootloader
• Temperature range -40 to 85 ºC
• Single power supply 2.65 to 3.6 V
• QFP48, QFP32, and QFN32 packages




Similar Part No. - EFM8UB2

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFM8UB20F32G-A-QFN32 SILABS-EFM8UB20F32G-A-QFN32 Datasheet
78Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8UB20F32G-A-QFP32 SILABS-EFM8UB20F32G-A-QFP32 Datasheet
78Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8UB20F32G-A-QFP48 SILABS-EFM8UB20F32G-A-QFP48 Datasheet
78Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8UB20F64G-A-QFN32 SILABS-EFM8UB20F64G-A-QFN32 Datasheet
78Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFM8UB20F64G-A-QFP32 SILABS-EFM8UB20F64G-A-QFP32 Datasheet
78Kb / 1P
This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results


Similar Description - EFM8UB2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TCS37717FN ETC2-TCS37717FN Datasheet
1Mb / 48P
The benefits and features of the TCS3771 are listed below
logo
Silicon Laboratories
EFM8BB1 SILABS-EFM8BB1 Datasheet
1Mb / 46P
The EFM8BB1 highlighted features are listed below
EFM8BB2 SILABS-EFM8BB2 Datasheet
720Kb / 55P
The EFM8BB2 highlighted features are listed below
EFM8BB3 SILABS-EFM8BB3 Datasheet
1Mb / 70P
The EFM8BB3 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8LB1 SILABS-EFM8LB1 Datasheet
1Mb / 70P
The EFM8LB1 device family are fully integrated, mixed-signal system-on-a-chip MCUs. Highlighted features are listed below
EFM8SB1 SILABS-EFM8SB1 Datasheet
1Mb / 55P
The EFM8SB1 highlighted features are listed below
EFM8SB2 SILABS-EFM8SB2 Datasheet
1Mb / 49P
The EFM8SB2 highlighted features are listed below
EFM8UB1 SILABS-EFM8UB1 Datasheet
752Kb / 59P
The EFM8UB1 highlighted features are listed below
logo
Ohmite Mfg. Co.
RES-HCLB OHMITE-RES-HCLB Datasheet
854Kb / 2P
Continuous duty as listed below
logo
Silicon Laboratories
WFM200S SILABS-WFM200S Datasheet
1Mb / 46P
The WFM200S Wi-Fi SiP module key features are listed below.
Rev. 1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com