Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DT1240-04LP Datasheet (PDF) - Diodes Incorporated

DT1240-04LP Datasheet PDF - Diodes Incorporated
Part # DT1240-04LP
Download  DT1240-04LP Download
File Size   238.42 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY

DT1240-04LP Datasheet (PDF)

Go To PDF Page Download Datasheet
DT1240-04LP Datasheet PDF - Diodes Incorporated

Part # DT1240-04LP
Download  DT1240-04LP Click to download

File Size   238.42 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY

DT1240-04LP Datasheet (HTML) - Diodes Incorporated


DT1240-04LP Product details

Features & Applications
• Clamping Voltage: 9V at 10A 100ns, TLP
   9.4V at 5.5A 8μs/20μs
• IEC 61000-4-2 (ESD): Air — ±16kV, Contact — ±14kV
• IEC 61000-4-4 (EFT): Level 4
• IEC 61000-4-5 (Lightning): ±5.5A (8/20µs)
• 4 Channels of ESD Protection
• Low Channel Input Capacitance of 0.55pF Typical
• TLP Dynamic Resistance: 0.25Ω
• Typically Used for High Speed Ports such as USB 2.0, USB 3.0
   DVI™, HDMI2.0, Ethernet Port, IEEE, MDDI, PCI Express®,
   SATA/ eSATA
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen, Antimony and Beryllium Free. “Green” Device
   (Note 3)
• An Automotive-Compliant Part is Available Under Separate
   Datasheet (DT1240-04LPQ)




Similar Part No. - DT1240-04LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DT1240-02LP10 DIODES-DT1240-02LP10 Datasheet
322Kb / 5P
2 CHANNEL LOW CAPACITANCE CSP TVS DIODE ARRAY
Rev 3
DT1240-02LP10-7B DIODES-DT1240-02LP10-7B Datasheet
322Kb / 5P
2 CHANNEL LOW CAPACITANCE CSP TVS DIODE ARRAY
Rev 3
DT1240-08LP3810 DIODES-DT1240-08LP3810 Datasheet
374Kb / 5P
8 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
DT1240-08LP3810-7 DIODES-DT1240-08LP3810-7 Datasheet
374Kb / 5P
8 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
More results


Similar Description - DT1240-04LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D1213A-04TS-7 DIODES-D1213A-04TS-7 Datasheet
147Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 6
D1213A-04S-7 DIODES-D1213A-04S-7 Datasheet
140Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 8
D3V3F4U6S DIODES-D3V3F4U6S Datasheet
179Kb / 4P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
DRTR5V0U4S DIODES-DRTR5V0U4S Datasheet
126Kb / 4P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 3
DRTR5V0U4SL DIODES-DRTR5V0U4SL Datasheet
194Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
DT1140-04LP DIODES-DT1140-04LP Datasheet
262Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 2
D1213A-04SO DIODES-D1213A-04SO Datasheet
123Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 12
D3V3F4U10LP DIODES-D3V3F4U10LP Datasheet
404Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
Rev 1
D3V3F4U10LPQ DIODES-D3V3F4U10LPQ Datasheet
416Kb / 5P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2021 Rev. 1 - 2
D3V3XS4B10LP DIODES-D3V3XS4B10LP Datasheet
360Kb / 4P
4 CHANNEL LOW CAPACITANCE TVS DIODE ARRAY
June 2018 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com