Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAR64 Datasheet (PDF) - Infineon Technologies AG

BAR64 Datasheet PDF - Infineon Technologies AG
Part # BAR64
Download  BAR64 Download
File Size   494.53 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Silicon PIN Diode

BAR64 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAR64 Datasheet PDF - Infineon Technologies AG

Part # BAR64
Download  BAR64 Click to download

File Size   494.53 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Silicon PIN Diode

BAR64 Datasheet (HTML) - Infineon Technologies AG


BAR64 Product details

Silicon PIN Diodes

 • High voltage current controlled RF resistor for RF attenuator and switches
 • Frequency range above 1 MHz up to 3 GHz
 • Low resistance and long carrier lifetime
 • Very low capacitance at zero volts reverse bias at frequencies above 1 GHz
 • Very low signal distortion




Similar Part No. - BAR64

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAR64 SIEMENS-BAR64 Datasheet
89Kb / 4P
Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and swirches Freqency range above 1 MHz)
logo
Guangdong Kexin Industr...
BAR64 KEXIN-BAR64 Datasheet
41Kb / 2P
Silicon PIN Diode
BAR64 KEXIN-BAR64 Datasheet
1Mb / 4P
PIN Diodes
logo
Siemens Semiconductor G...
BAR64-02 SIEMENS-BAR64-02 Datasheet
25Kb / 4P
Silicon PIN Diode (High voltage current controlled RF resistor for RF attenuator and switches Frequency range above 1 MHz)
logo
Infineon Technologies A...
BAR64-02EL INFINEON-BAR64-02EL Datasheet
1Mb / 15P
Silicon PIN Diode
2013-06-10
More results


Similar Description - BAR64

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAP65-02 LRC-BAP65-02 Datasheet
108Kb / 2P
Silicon PIN diode
logo
NXP Semiconductors
BAP1321-03 PHILIPS-BAP1321-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 17
logo
Advanced Semiconductor
AP1000C-11 ASI-AP1000C-11 Datasheet
15Kb / 1P
SILICON PIN DIODE
logo
NXP Semiconductors
BAP27-01 PHILIPS-BAP27-01 Datasheet
77Kb / 7P
Silicon PIN diode
2001 Nov 01
BAP63-03 PHILIPS-BAP63-03 Datasheet
66Kb / 7P
Silicon PIN diode
2004 Feb 11
BAP63-05 PHILIPS-BAP63-05 Datasheet
76Kb / 6P
Silicon PIN diode
2000 Feb 17
BAP70-02 NXP-BAP70-02 Datasheet
229Kb / 6P
Silicon PIN diode
Rev. 05-2 January 2008
logo
Guangdong Kexin Industr...
BAP64-02 KEXIN-BAP64-02 Datasheet
35Kb / 1P
Silicon PIN diode
BAP63-02 KEXIN-BAP63-02 Datasheet
36Kb / 2P
Silicon PIN diode
logo
Infineon Technologies A...
BA595E6327 INFINEON-BA595E6327 Datasheet
903Kb / 10P
Silicon PIN Diode
2011-07-21
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com