Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT60B Datasheet (PDF) - Infineon Technologies AG

BAT60B Datasheet PDF - Infineon Technologies AG
Part # BAT60B
Download  BAT60B Download
File Size   419.98 Kbytes
Page   4 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Silicon Schottky Diode

BAT60B Datasheet (PDF)

Go To PDF Page Download Datasheet
BAT60B Datasheet PDF - Infineon Technologies AG

Part # BAT60B
Download  BAT60B Click to download

File Size   419.98 Kbytes
Page   4 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Silicon Schottky Diode

BAT60B Datasheet (HTML) - Infineon Technologies AG


BAT60B Product details

Silicon Schottky Diode

• High current rectifier Schottky diode with
    very low VF drop (typ. 0.24 V at IF = 10mA)
• For power supply applications
• For clamping and protection in
    low voltage applications
• For detection and step-up-conversion
• Pb-free (RoHS compliant) package1)
• Qualified according AEC Q101




Similar Part No. - BAT60B

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAT60B SIEMENS-BAT60B Datasheet
25Kb / 3P
Silicon Schottky Diode (Rectifier Schottky diode for mobile communication Low voltage high inductane For power supply
logo
Jiangsu Changjiang Elec...
BAT60B JIANGSU-BAT60B Datasheet
156Kb / 3P
SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT60B BILIN-BAT60B Datasheet
213Kb / 3P
Schottky Barrier Diode
logo
Guangdong Kexin Industr...
BAT60B KEXIN-BAT60B Datasheet
35Kb / 1P
Schottky Diodes
logo
SeCoS Halbleitertechnol...
BAT60B SECOS-BAT60B Datasheet
216Kb / 3P
3.0Amp 10V Schottky Barrier Rectifiers
More results


Similar Description - BAT60B

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
Silicon Schottky Diode
Feb-03-2003
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
Silicon Schottky Diode
logo
Infineon Technologies A...
BAT60A INFINEON-BAT60A Datasheet
65Kb / 6P
Silicon Schottky Diode
2007-04-19
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
Silicon Schottky Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com