Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP2114 Datasheet (PDF) - Silicon Laboratories

CP2114 Datasheet PDF - Silicon Laboratories
Part # CP2114
Download  CP2114 Download
File Size   420.13 Kbytes
Page   44 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE

CP2114 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP2114 Datasheet PDF - Silicon Laboratories

Part # CP2114
Download  CP2114 Click to download

File Size   420.13 Kbytes
Page   44 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description SINGLE-CHIP USB AUDIO TO I2S DIGITAL AUDIO BRIDGE

CP2114 Datasheet (HTML) - Silicon Laboratories


CP2114 Product details

System Overview
The CP2114 includes a USB 2.0 full-speed function controller, USB transceiver, oscillator, one-time programmable read-only memory (ROM), I2S (audio) interface, I2C (control) interface, and UART interface in a compact 5 x 5 mm QFN-32 package (sometimes called “MLF” or “MLP”). The one-time programmable ROM on the device may be used to customize both product information (including USB fields such as Vendor ID, Product ID, Strings, etc...) and external DAC configuration strings.

Single-Chip USB Audio to I2S Digital Audio Bridge
•USB HID to I2C to communicate with DAC/codec
•Supports USB HID Consumer Controls for Volume and
   Mute Synchronization
•Integrated USB transceiver; no external resistors
   required
•Integrated clock; no external crystal required
•Integrated One-Time Programmable ROM for product
   customization
•On-chip voltage regulator: 3.45 V output

Supports a Wide Range of codecs/DACs
•Out-of-box support for three major codecs/DACs
•Internal programmable memory supports additional
   codec/DAC configurations

USB Audio Class v1.0 support
•I2S Master mode, I2S and left justified PCM outputs
•Supports 48 kHz,16-bit stereo digital audio
•No custom driver required
•Supports Windows 7, Vista, XP, Mac OS-X, Linux
•Supports iPad/iOS (with USB camera kit connector)
•Open access to interface specification

USB Peripheral Function Controller
•USB Specification 2.0 compliant; full-speed (12 Mbps)
•USB Suspend states supported via SUSPEND pins

USB HID to UART Auxiliary Communication Interface
•APIs for quick application development
•Supports Windows 8, 7, Vista, XP, Server 2003, 2000
•Supports Mac OS-X

12 Configurable GPIO Pins with Alternate Functions
•Usable as inputs, open-drain or push-pull outputs
•UART signals, audio playback controls, DAC select pins
•Configurable clock output
•Toggle LEDs upon UART transmission or reception

Supply Voltage
•Self-powered: 3.0 to 3.6 V
•USB bus powered: 4.0 to 5.25 V
•I/O voltage: 1.8 V to VDD

Package
•RoHS-compliant 32-pin QFN (5 x 5 mm)

Ordering Part Number
•CP2114-B01-GM

Temperature Range: –40 to +85 °C




Similar Part No. - CP2114

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2114 SILABS-CP2114 Datasheet
198Kb / 54P
HID-TO-UART API SPECIFICATION
CP2114 SILABS-CP2114 Datasheet
183Kb / 34P
INTERFACE SPECIFICATION
CP2114 SILABS-CP2114 Datasheet
745Kb / 45P
DEVICE CUSTOMIZATION GUIDE
CP2114-CS42L55EK SILABS-CP2114-CS42L55EK Datasheet
1Mb / 26P
EVALUATION KIT USERS GUIDE
CP2114-EK SILABS-CP2114-EK Datasheet
1Mb / 26P
EVALUATION KIT USERS GUIDE
More results


Similar Description - CP2114

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPCA514A ETC-SPCA514A Datasheet
111Kb / 14P
Digital Audio USB Controller
logo
ATMEL Corporation
AT85C51SND3B ATMEL-AT85C51SND3B Datasheet
5Mb / 270P
Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
logo
Elite Semiconductor Mem...
AD62550A ESMT-AD62550A Datasheet
248Kb / 3P
Class-D Audio Power Amplifier with USB / I2S Interface
logo
ATMEL Corporation
AT85C51SND3B1 ATMEL-AT85C51SND3B1 Datasheet
3Mb / 263P
Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
AT85C51SND3B ATMEL-AT85C51SND3B_07 Datasheet
2Mb / 271P
Single-Chip Digital Audio Decoder - Encoder with USB 2.0 Interface
logo
C-Media Electronics
CM6210 CMEDIA-CM6210 Datasheet
375Kb / 18P
Multi-channel USB-I2S Audio Controller
logo
Silicon Laboratories
CP2615 SILABS-CP2615 Datasheet
844Kb / 35P
USB Audio to I2S Digital Audio Bridge
logo
C-Media Electronics
CM6300 CMEDIA-CM6300 Datasheet
896Kb / 32P
USB Audio Single Chip Specification
logo
Realtek Semiconductor C...
ALC5623-GR REALTEK-ALC5623-GR_08 Datasheet
1Mb / 75P
I2S AUDIO CODEC HEADPHONE AMPLIFIER
ALC5629 REALTEK-ALC5629 Datasheet
717Kb / 38P
I2S/PCM AUDIO DAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com