Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXUVPS4 Datasheet (PDF) - OptoDiode Corp

SXUVPS4 Datasheet PDF - OptoDiode Corp
Part # SXUVPS4
Download  SXUVPS4 Download
File Size   286.44 Kbytes
Page   2 Pages
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp
Description Circular active area (4 quadrants)

SXUVPS4 Datasheet (PDF)

Go To PDF Page Download Datasheet
SXUVPS4 Datasheet PDF - OptoDiode Corp

Part # SXUVPS4
Download  SXUVPS4 Click to download

File Size   286.44 Kbytes
Page   2 Pages
Manufacturer  OPTODIODE [OptoDiode Corp]
Direct Link  http://www.optodiode.com
Logo OPTODIODE - OptoDiode Corp
Description Circular active area (4 quadrants)

SXUVPS4 Datasheet (HTML) - OptoDiode Corp




Similar Part No. - SXUVPS4

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
SXUVPS4C OPTODIODE-SXUVPS4C Datasheet
205Kb / 2P
QUADRANT PHOTODIODE 5 mm
SXUVPS4C OPTODIODE-SXUVPS4C Datasheet
306Kb / 2P
QUADRANT PHOTODIODE 5 mm2
SXUVPS4C OPTODIODE-SXUVPS4C_15 Datasheet
306Kb / 2P
QUADRANT PHOTODIODE 5 mm2
More results


Similar Description - SXUVPS4

ManufacturerPart #DatasheetDescription
logo
OptoDiode Corp
AXUV20A OPTODIODE-AXUV20A Datasheet
143Kb / 2P
ELECTRON DETECTION 5.5mm Circular active area
AXUV20HS1 OPTODIODE-AXUV20HS1 Datasheet
142Kb / 2P
PHOTODIODE 5 mm Circular active area
AXUV63HS1 OPTODIODE-AXUV63HS1 Datasheet
173Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
AXUV63HS1-CH OPTODIODE-AXUV63HS1-CH Datasheet
199Kb / 2P
PHOTODIODE 63 mm Circular active area Ideal for electron detection
logo
SemiHow Co.,Ltd.
HTB1A80 SEMIHOW-HTB1A80 Datasheet
423Kb / 6P
4 Quadrants Sensitive TRIAC
logo
OptoDiode Corp
AXUV300C OPTODIODE-AXUV300C Datasheet
309Kb / 2P
Rectangular active area
logo
Sensortechnics GmbH
501162 SENSORTECHNICS-501162 Datasheet
414Kb / 2P
Circular active area APD chip with
AD500-9-400M-TO5 SENSORTECHNICS-AD500-9-400M-TO5 Datasheet
590Kb / 3P
0.500 mm active area
logo
TE Connectivity Ltd
82561 TEC-82561 Datasheet
2Mb / 16P
Computing Circular Mil Area
logo
OptoDiode Corp
AXUV20A OPTODIODE-AXUV20A_18 Datasheet
455Kb / 3P
Circular Active Area
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com