Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZV3001 Datasheet (PDF) - Diodes Incorporated

AZV3001 Datasheet PDF - Diodes Incorporated
Part # AZV3001
Download  AZV3001 Download
File Size   653.56 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Single/Dual Channel Low Voltage Push-Pull Output Comparators

AZV3001 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZV3001 Datasheet PDF - Diodes Incorporated

Part # AZV3001
Download  AZV3001 Click to download

File Size   653.56 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Single/Dual Channel Low Voltage Push-Pull Output Comparators

AZV3001 Datasheet (HTML) - Diodes Incorporated


AZV3001 Product details

Description
AZV3001 and AZV3002 are single and dual channel comparators developed for new generation low-power comparator families for battery-powered devices and systems requiring low voltage operation.
The supply current each comparator typically consumes is 6µA to extend battery life. It is guaranteed to operate at a low voltage of 1.6V and is fully operational up to 5.5V. These features make the AZV3001 and AZV3002 convenient for use in 1.8V, 3.0V and 5.0V systems, and are perfectly suitable for battery-powered devices from its low-power characteristics.

Features
 • Low Supply Current: 6µA (typical)
 • Wide Supply Voltage Range: 1.6~5.5V
 • Rail to Rail Input/ Output Performance
 • Push-Pull Output Structure
 • Propagation Delay: 0.8µs (typical)
 • Low Input Bias Current: 1pA (typical)
 • No Phase Inversion with Overdrive Input Signals
 • Internal Hysteresis
 • X2-DFN1410-6, U-FLGA1616-8 and SO-8 Package: Available in “Green” Molding Compound (No Br. Sb.)
 • Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 • Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 • Mobile Phones
 • Tablets
 • Battery Powered Devices
 • Alarm and Security Systems




Similar Part No. - AZV3001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
AZV3001AFZ4-7 DIODES-AZV3001AFZ4-7 Datasheet
554Kb / 10P
SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results


Similar Description - AZV3001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6541 MICROCHIP-MCP6541_06 Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
2006
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
Push-Pull Output Sub-Microamp Comparators
2011
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
logo
Microchip Technology
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
08/29/06
logo
Texas Instruments
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
40-ns, microPOWER, Push-Pull Output Comparators
TLV3701-Q1 TI1-TLV3701-Q1_15 Datasheet
952Kb / 17P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
logo
Microchip Technology
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
Push-Pull Output Sub-Microamp Comparators
07/28/03
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com