Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40TPS12PBF Datasheet (PDF) - Vishay Siliconix

40TPS12PBF Datasheet PDF - Vishay Siliconix
Part # 40TPS12PBF
Download  40TPS12PBF Download
File Size   191.81 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thyristor High Voltage, Phase Control SCR, 40 A

40TPS12PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
40TPS12PBF Datasheet PDF - Vishay Siliconix

Part # 40TPS12PBF
Download  40TPS12PBF Click to download

File Size   191.81 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Thyristor High Voltage, Phase Control SCR, 40 A

40TPS12PBF Datasheet (HTML) - Vishay Siliconix


40TPS12PBF Product details

DESCRIPTION/FEATURES

The 40TPS...APbF High Voltage Series of silicon controlled rectifiers are specifically designed for medium power switching and phase control applications. The glass passivation technology used has reliable operation up to 125 °C junction temperature. Low Igt parts available.





 




Similar Part No. - 40TPS12PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
40TPS12 IRF-40TPS12 Datasheet
151Kb / 7P
PHASE CONTROL SCR
logo
Vishay Siliconix
40TPS12 VISHAY-40TPS12 Datasheet
145Kb / 7P
Phase Control SCR, 35 A
12-Sep-08
logo
Inchange Semiconductor ...
40TPS12 ISC-40TPS12 Datasheet
234Kb / 2P
isc Thyristors
logo
International Rectifier
40TPS12A IRF-40TPS12A Datasheet
151Kb / 7P
PHASE CONTROL SCR
logo
Vishay Siliconix
40TPS12A VISHAY-40TPS12A Datasheet
145Kb / 7P
Phase Control SCR, 35 A
12-Sep-08
More results


Similar Description - 40TPS12PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40TPSPBF VISHAY-VS-40TPSPBF Datasheet
201Kb / 8P
Thyristor High Voltage, Phase Control SCR, 40 A
14-Sep-17
VS-40TTS12HM3 VISHAY-VS-40TTS12HM3 Datasheet
160Kb / 7P
Thyristor High Voltage, Phase Control SCR, 40 A
06-Jul-2018
VS-40TPS-M3 VISHAY-VS-40TPS-M3 Datasheet
201Kb / 8P
Thyristor High Voltage, Phase Control SCR, 40 A
26-Feb-2019
VS-40TPS16L-M3 VISHAY-VS-40TPS16L-M3 Datasheet
177Kb / 7P
Thyristor High Voltage, Phase Control SCR, 40 A
31-Jul-2018
VS-40TPS12L-M3 VISHAY-VS-40TPS12L-M3 Datasheet
203Kb / 8P
Thyristor High Voltage, Phase Control SCR, 40 A
31-Jul-2018
VS-40TPS12L-M3 VISHAY-VS-40TPS12L-M3_V01 Datasheet
204Kb / 8P
Thyristor High Voltage, Phase Control SCR, 40 A
31-Jul-2018
VS-40TPS12LHM3 VISHAY-VS-40TPS12LHM3_V01 Datasheet
223Kb / 7P
Thyristor High Voltage, Phase Control SCR, 40 A
20-May-2019
VS-40TPS16-M3 VISHAY-VS-40TPS16-M3 Datasheet
181Kb / 7P
Thyristor High Voltage, Phase Control SCR, 40 A
26-Feb-2019
VS-40TPS16L-M3 VISHAY-VS-40TPS16L-M3_V01 Datasheet
177Kb / 7P
Thyristor High Voltage, Phase Control SCR, 40 A
31-Jul-2018
VS-40TPS16LHM3 VISHAY-VS-40TPS16LHM3_V01 Datasheet
176Kb / 7P
Thyristor High Voltage, Phase Control SCR, 40 A
23-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com