Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23026HT Datasheet (PDF) - Aries Electronics, Inc.

23026HT Datasheet PDF - Aries Electronics, Inc.
Part # 23026HT
Download  23026HT Download
File Size   844.04 Kbytes
Page   1 Pages
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.
Description High-Temp 200째C Test & Burn-In Sockets for BGA, LGA, QFN, MLCC, and Bumped Die Devices

23026HT Datasheet (PDF)

Go To PDF Page Download Datasheet
23026HT Datasheet PDF - Aries Electronics, Inc.

Part # 23026HT
Download  23026HT Click to download

File Size   844.04 Kbytes
Page   1 Pages
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.
Description High-Temp 200째C Test & Burn-In Sockets for BGA, LGA, QFN, MLCC, and Bumped Die Devices

23026HT Datasheet (HTML) - Aries Electronics, Inc.




Similar Part No. - 23026HT

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
23026 ARIES-23026 Datasheet
803Kb / 1P
Hi-Temp 200째C Test & Burn- In Sockets for BGA, LGA, QFN, MLCC, and Bumped Die Devices
logo
PHOENIX CONTACT
2302609 PHOENIX-2302609 Datasheet
96Kb / 7P
Cable - FLK 50/EZ-DR/D37SUB/100/Y81P-O
09/12/2020
2302612 PHOENIX-2302612 Datasheet
303Kb / 8P
FLK 50/EZ-DR/D37SUB/200/Y81P-O - Cable
logo
Huber+Suhner, Inc.
23026120 HUBERSUHNER-23026120 Datasheet
172Kb / 2P
COAXIAL CONNECTOR, SMA, 50 Ohm, Straight cable plug (male)
logo
PHOENIX CONTACT
2302654 PHOENIX-2302654 Datasheet
103Kb / 3P
System cable for Mitsubishi Electric MELSEC Q X81, MELSEC A1S X81, MELSEC A AX82, cable length 1.0 m
More results


Similar Description - 23026HT

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AXS-1147-02-02 ABRACON-AXS-1147-02-02 Datasheet
419Kb / 1P
CRYSTAL TEST & BURN IN SOCKET
08.21.09
AXS-1155-04-01 ABRACON-AXS-1155-04-01 Datasheet
410Kb / 1P
CRYSTAL TEST & BURN-IN SOCKET
07.10.09
AXS-2520-04-01 ABRACON-AXS-2520-04-01 Datasheet
403Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.10.09
logo
Aries Electronics, Inc.
10002 ARIES-10002 Datasheet
716Kb / 1P
High-Temp Universal ZIF DIP Burn-in & Test Socket
23026 ARIES-23026 Datasheet
803Kb / 1P
Hi-Temp 200째C Test & Burn- In Sockets for BGA, LGA, QFN, MLCC, and Bumped Die Devices
24005 ARIES-24005 Datasheet
1Mb / 2P
Long-Life Hi-Frequency Sockets for BGA, LGA, QFN, MLCC, 關BGA and Bumped Die Devices
logo
Abracon Corporation
AXS-7050-06-13 ABRACON-AXS-7050-06-13 Datasheet
411Kb / 1P
CRYSTAL OSCILLATOR TEST & BURN IN SOCKET
07.13.09
AXS-2520-04-05 ABRACON-AXS-2520-04-05 Datasheet
402Kb / 1P
Suitable for high temperature burn-in test
07.10.09
AXS-2520-04-07 ABRACON-AXS-2520-04-07 Datasheet
391Kb / 1P
Suitable for high temperature burn-in test
07.10.09
AXS-5032-04-04 ABRACON-AXS-5032-04-04 Datasheet
404Kb / 1P
Suitable for high temperature burn-in test
07.13.09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com