Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFP620 Datasheet (PDF) - Infineon Technologies AG

BFP620 Datasheet PDF - Infineon Technologies AG
Part # BFP620
Download  BFP620 Download
File Size   209.97 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon Germanium RF Transistor

BFP620 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFP620 Datasheet PDF - Infineon Technologies AG

Part # BFP620
Download  BFP620 Click to download

File Size   209.97 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description NPN Silicon Germanium RF Transistor

BFP620 Datasheet (HTML) - Infineon Technologies AG


BFP620 Product details

Low Noise SiGe:C Bipolar RF Transistor

• Highly linear low noise RF transistor
• Provides outstanding performance
   for a wide range of wireless applications
• Based on Infineons reliable high volume
   Silicon Germanium technology
• Ideal for CDMA and WLAN applications
• Collector design provides high linearity of
   14.5 dBm OP1dB for low voltage application
• Maximum stable gain
   Gms = 21.5 dB at 1.8 GHz
   Gma = 11 dB at 6 GHz
• Outstanding noise figure NFmin = 0.7 dB at 1.8 GHz
   Outstanding noise figure NFmin = 1.3 dB at 6 GHz
• Accurate SPICE GP model enables effective
   design in process
• Pb-free (RoHS compliant) and halogen-free package
   with visible leads
• Qualification report according to AEC-Q101 available




Similar Part No. - BFP620

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BFP620 ETC1-BFP620 Datasheet
350Kb / 4P
NPN Transistor
logo
Infineon Technologies A...
BFP620 INFINEON-BFP620 Datasheet
641Kb / 11P
NPN Silicon Germanium RF Transistor
2010-09-21
BFP620 INFINEON-BFP620 Datasheet
665Kb / 10P
Low Noise SiGe:C Bipolar RF Transistor
2013-09-13
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
NPN Silicon Germanium RF Transistor
Jul-03-2003
BFP620F INFINEON-BFP620F Datasheet
158Kb / 6P
NPN Silicon Germanium RF Transistor
Apr-21-2004
More results


Similar Description - BFP620

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
NPN SILICON GERMANIUM RF TRANSISTOR
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
NPN Silicon Germanium RF Transistor
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
NPN SILICON GERMANIUM RF TRANSISTOR
2004
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com