Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFY181 Datasheet (PDF) - Infineon Technologies AG

BFY181 Datasheet PDF - Infineon Technologies AG
Part # BFY181
Download  BFY181 Download
File Size   29.15 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HiRel NPN Silicon RF Transistor

BFY181 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFY181 Datasheet PDF - Infineon Technologies AG

Part # BFY181
Download  BFY181 Click to download

File Size   29.15 Kbytes
Page   5 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description HiRel NPN Silicon RF Transistor

BFY181 Datasheet (HTML) - Infineon Technologies AG


BFY181 Product details

HiRel NPN Silicon RF Transistor

• HiRel Discrete and Microwave Semiconductor
• For low noise, high-gain broadband amplifiers at collector
   currents from 0,5 mA to 12 mA.
• Hermetically sealed microwave package
• fT= 8 GHz
   F = 2.2 dB at 2 GHz
• eesa Space Qualified
   ESA/SCC Detail Spec. No.: 5611/006
   Type Variant No. 03




Similar Part No. - BFY181

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFY181 SIEMENS-BFY181 Datasheet
121Kb / 5P
HiRel NPN Silicon RF Transistor (HiRel Discrete and Microwave Semiconductor)
logo
Infineon Technologies A...
BFY181 INFINEON-BFY181 Datasheet
148Kb / 4P
HiRel NPN Silicon RF Transistor
V 2, February 2011
BFY181 INFINEON-BFY181_11 Datasheet
148Kb / 4P
HiRel NPN Silicon RF Transistor
V 2, February 2011
More results


Similar Description - BFY181

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFY180 INFINEON-BFY180 Datasheet
29Kb / 5P
HiRel NPN Silicon RF Transistor
September 99
BFY182 INFINEON-BFY182 Datasheet
29Kb / 5P
HiRel NPN Silicon RF Transistor
September 1999
BFY183 INFINEON-BFY183 Datasheet
42Kb / 5P
HiRel NPN Silicon RF Transistor
Jul. 0101
BFY193 INFINEON-BFY193 Datasheet
394Kb / 5P
HiRel NPN Silicon RF Transistor
September 99
BFY196 INFINEON-BFY196 Datasheet
437Kb / 5P
HiRel NPN Silicon RF Transistor
September 99
BFY420 INFINEON-BFY420 Datasheet
406Kb / 5P
HiRel NPN Silicon RF Transistor
September 99
BFY182 INFINEON-BFY182_11 Datasheet
148Kb / 4P
HiRel NPN Silicon RF Transistor
V2, February 2011
BFY193 INFINEON-BFY193_11 Datasheet
149Kb / 4P
HiRel NPN Silicon RF Transistor
V2, February 2011
BFY405 INFINEON-BFY405_11 Datasheet
145Kb / 4P
HiRel NPN Silicon RF Transistor
V2, February 2011
BFY420 INFINEON-BFY420_11 Datasheet
145Kb / 4P
HiRel NPN Silicon RF Transistor
V2, February 2011
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com