Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BGA428 Datasheet (PDF) - Infineon Technologies AG

BGA428 Datasheet PDF - Infineon Technologies AG
Part # BGA428
Download  BGA428 Download
File Size   482.87 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description BGA428 High Gain, Low Noise Amplifier

BGA428 Datasheet (PDF)

Go To PDF Page Download Datasheet
BGA428 Datasheet PDF - Infineon Technologies AG

Part # BGA428
Download  BGA428 Click to download

File Size   482.87 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description BGA428 High Gain, Low Noise Amplifier

BGA428 Datasheet (HTML) - Infineon Technologies AG


BGA428 Product details

Silicon Germanium Broadband MMIC Amplifier

Feature
• High gain, GMA = 20 dB at 1.8 GHz
• Low noise figure, NF = 1.4 dB at 1.8 GHz
• Prematched
• Ideal for GSM, DCS1800, PCS1900
• Open collector output
• Typical supply voltage: 2.4 - 3 V
• SIEGET®-45 technology
• Pb-free (RoHS compliant) package




Similar Part No. - BGA428

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA428 INFINEON-BGA428 Datasheet
399Kb / 11P
Gain and PCS Low Noise Amplifier
Rev. 2.2, November 2007
BGA428 INFINEON-BGA428 Datasheet
347Kb / 11P
Gain and PCS Low Noise Amplifier
Rev. 2.3, Sept. 2011
BGA428E6327 INFINEON-BGA428E6327 Datasheet
347Kb / 11P
Gain and PCS Low Noise Amplifier
Rev. 2.3, Sept. 2011
BGA428 INFINEON-BGA428_07 Datasheet
399Kb / 11P
Gain and PCS Low Noise Amplifier
Rev. 2.2, November 2007
More results


Similar Description - BGA428

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL52D6 ASB-ASL52D6 Datasheet
295Kb / 6P
High Gain, Low Noise Amplifier
May 2012
ASL563 ASB-ASL563 Datasheet
1Mb / 22P
High Gain, Low Noise Amplifier
August 2011
AST54S ASB-AST54S Datasheet
1Mb / 21P
High Gain, Low Noise Amplifier
June 2012
ASL22N ASB-ASL22N Datasheet
400Kb / 4P
High Gain, Low Noise Amplifier
February 2013
ASL51T8 ASB-ASL51T8 Datasheet
539Kb / 11P
High Gain, Low Noise Amplifier
June 2014
ASL5543 ASB-ASL5543 Datasheet
436Kb / 10P
High Gain, Low Noise Amplifier
June 2014
ASL19D ASB-ASL19D_17 Datasheet
510Kb / 7P
High Gain, Low Noise Amplifier
April 2017
ASL51S9 ASB-ASL51S9_17 Datasheet
428Kb / 8P
High Gain, Low Noise Amplifier
January 2017
ASL52D6 ASB-ASL52D6_17 Datasheet
641Kb / 8P
High Gain, Low Noise Amplifier
April 2017
ASL563 ASB-ASL563_17 Datasheet
762Kb / 11P
High Gain, Low Noise Amplifier
February 2017
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com