Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PENB1020A Datasheet (PDF) - SL Power Electronics

PENB1020A Datasheet PDF - SL Power Electronics
Part # PENB1020A
Download  PENB1020A Download
File Size   242.51 Kbytes
Page   2 Pages
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics
Description Universal 19.2W Gigabit PoE Adapter

PENB1020A Datasheet (PDF)

Go To PDF Page Download Datasheet
PENB1020A Datasheet PDF - SL Power Electronics

Part # PENB1020A
Download  PENB1020A Click to download

File Size   242.51 Kbytes
Page   2 Pages
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics
Description Universal 19.2W Gigabit PoE Adapter

PENB1020A Datasheet (HTML) - SL Power Electronics




Similar Part No. - PENB1020A

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
PENB1020B SLPOWER-PENB1020B Datasheet
247Kb / 2P
Universal 15.4W Gigabit PoE Adapter
PENB1020B4800F01 SLPOWER-PENB1020B4800F01 Datasheet
247Kb / 2P
Universal 15.4W Gigabit PoE Adapter
PENB1020B4800N01 SLPOWER-PENB1020B4800N01 Datasheet
247Kb / 2P
Universal 15.4W Gigabit PoE Adapter
More results


Similar Description - PENB1020A

ManufacturerPart #DatasheetDescription
logo
Level One
POR-0220 LVL1-POR-0220 Datasheet
446Kb / 3P
Gigabit PoE-Plus Repeater
POI-2001 LVL1-POI-2001 Datasheet
1Mb / 2P
Gigabit PoE Injector
POR-0120 LVL1-POR-0120 Datasheet
714Kb / 2P
Gigabit PoE Repeater
logo
SL Power Electronics
PENB1020B SLPOWER-PENB1020B Datasheet
247Kb / 2P
Universal 15.4W Gigabit PoE Adapter
PENB1035B SLPOWER-PENB1035B Datasheet
245Kb / 2P
Universal 56V, 35W (IEEE802.3at Compliant) PoE Gigabit
logo
Level One
POI-3000 LVL1-POI-3000 Datasheet
628Kb / 3P
Gigabit PoE Injector
logo
Pulse A Technitrol Comp...
J428 PULSE-J428 Datasheet
258Kb / 5P
Single-Port Gigabit PoE
J429 PULSE-J429 Datasheet
1Mb / 6P
2xN Gigabit PoE
J427 PULSE-J427 Datasheet
1Mb / 5P
2xN Gigabit PoE Plus
logo
Yuan Dean Scientific., ...
PDD18 YUANDEAN-PDD18 Datasheet
421Kb / 2P
PoE Universal AC Adapters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com