Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN9500I Datasheet (PDF) - Microchip Technology

LAN9500I Datasheet PDF - Microchip Technology
Part # LAN9500I
Download  LAN9500I Download
File Size   1835.76 Kbytes
Page   213 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description LAN950x USB 2.0 to 10/100 Ethernet Controller

LAN9500I Datasheet (PDF)

Go To PDF Page Download Datasheet
LAN9500I Datasheet PDF - Microchip Technology

Part # LAN9500I
Download  LAN9500I Click to download

File Size   1835.76 Kbytes
Page   213 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description LAN950x USB 2.0 to 10/100 Ethernet Controller

LAN9500I Datasheet (HTML) - Microchip Technology


LAN9500I Product details

OVERVIEW
The LAN950x is a high performance solution for USB to 10/100 Ethernet port bridging. With applications ranging from embedded systems, set-top boxes, and PVRs, to USB port replicators, USB to Ethernet dongles, and test instrumentation, the device is targeted as a high performance, low cost USB/Ethernet connectivity solution.
The LAN950x contains an integrated 10/100 Ethernet PHY, USB PHY, Hi-Speed USB 2.0 device controller, 10/100 Ethernet MAC, TAP controller, EEPROM controller, and a FIFO controller with a total of 30 KB of internal packet buffering. Two KB of buffer memory are allocated to the Transaction Layer Interface (TLI), while 28 KB are allocated to the FIFO Controller (FCT).
The internal USB 2.0 device controller and USB PHY are compliant with the USB 2.0 Hi-Speed standard. The device implements Control, Interrupt, Bulk-in, and Bulk-out USB Endpoints.

Highlights
• Single Chip Hi-Speed USB 2.0 to 10/100 Ethernet Controller
• Integrated 10/100 Ethernet MAC with Full-Duplex Support
• Integrated 10/100 Ethernet PHY with HP AutoMDIX support
• Integrated USB 2.0 Hi-Speed Device Controller
• Integrated USB 2.0 Hi-Speed PHY
• Implements Reduced Power Operating Modes

Target Applications
• Embedded Systems
• Set-Top Boxes
• PVRs
• CE Devices
• Networked Printers
• USB Port Replicators
• Standalone USB to Ethernet Dongles
• Test Instrumentation
• Industrial

Key Features
• USB Device Controller
   - Fully compliant with Hi-Speed Universal
      Serial Bus Specification Revision 2.0
   - Supports HS (480 Mbps) and FS (12 Mbps) modes
   - Four endpoints supported
   - Supports vendor specific commands
   - Integrated USB 2.0 PHY
   - Remote wakeup supported
• High-Performance 10/100 Ethernet Controller
   - Fully compliant with IEEE802.3/802.3u
   - Integrated Ethernet MAC and PHY
   - 10BASE-T and 100BASE-TX support
   - Full- and half-duplex support
   - Full- and half-duplex flow control
   - Preamble generation and removal
   - Automatic 32-bit CRC generation and checking
   - Automatic payload padding and pad removal
   - Loop-back modes
   - TCP/UDP/IP/ICMP checksum offload support
   - Flexible address filtering modes
      –One 48-bit perfect address
      –64 hash-filtered multicast addresses
      –Pass all multicast
      –Promiscuous mode
      –Inverse filtering
      –Pass all incoming with status report
   - Wakeup packet support
   - Integrated Ethernet PHY
      –Auto-negotiation
      –Automatic polarity detection and correction
      –HP Auto-MDIX support
      –Link status change wake-up detection
   - Support for 3 status LEDs
   - External MII and Turbo MII support HomePNA™ and HomePlug® PHY
• Power and I/Os
   - Various low power modes
   - NetDetach feature increases battery life1
   - Supports PCI-like PME wake1
   - 11 GPIOs
   - Supports bus-powered and self-powered operation
   - Integrated power-on reset circuit
   - Single external 3.3v I/O supply
      –Internal core regulator
• Miscellaneous Features
   - EEPROM Controller
   - Supports custom operation without EEPROM1
   - IEEE 1149.1 (JTAG) Boundary Scan
   - Requires single 25 MHz crystal
• Software
   - Windows XP/Vista Driver
   - Linux Driver
   - Win CE Driver
   - MAC OS Driver
   - EEPROM Utility
• Packaging
   - 56-pin QFN (8x8 mm) RoHS Compliant Environmental
   - Commercial Temperature Range (0°C to +70°C)
   - Industrial Temperature Range (-40°C to +85°C)




Similar Part No. - LAN9500I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9500I SMSC-LAN9500I Datasheet
829Kb / 66P
USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
LAN9500i-ABZJ SMSC-LAN9500i-ABZJ Datasheet
829Kb / 66P
USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
LAN9500i-ABZJ-TR SMSC-LAN9500i-ABZJ-TR Datasheet
829Kb / 66P
USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
More results


Similar Description - LAN9500I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
USB to 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
USB 2.0 to 10/100M Fast Ethernet Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9500 SMSC-LAN9500 Datasheet
829Kb / 66P
USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com