Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEC1404 Datasheet (PDF) - Microchip Technology

MEC1404 Datasheet PDF - Microchip Technology
Part # MEC1404
Download  MEC1404 Download
File Size   6651.55 Kbytes
Page   572 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Keyboard and Embedded Controller Products for Notebook PC

MEC1404 Datasheet (PDF)

Go To PDF Page Download Datasheet
MEC1404 Datasheet PDF - Microchip Technology

Part # MEC1404
Download  MEC1404 Click to download

File Size   6651.55 Kbytes
Page   572 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Keyboard and Embedded Controller Products for Notebook PC

MEC1404 Datasheet (HTML) - Microchip Technology


MEC1404 Product details

GENERAL DESCRIPTION
The MEC140X/1X is a family of keyboard and embedded controller designs customized for notebooks and tablet platforms. The MEC140X/1X family is a highly-configurable, mixed signal, advanced I/O controller architecture. Every device in the family incorporates a 32-bit MIPS32 M14K Microcontroller core with a closely-coupled SRAM for code and data. A secure boot-loader is used to download the custom firmware image from the system’s shared SPI Flash device, thereby allowing system designers to customize the device’s behavior.

Common Features
• 3.3V Operation
• ACPI 3.0 Compliant
• PC2001 compliant
• VTR (standby) and VBAT Power Planes
    - Low Standby Current in Sleep Mode
• Connected Standby Support
• 32kHz Clock Source
    - Internal 32kHz Oscillator
    - External 32kHz Clock Source
        - 32kHz Crystal (XTAL) Supported
        - Single-Ended 32kHz Clock Source
• LPC Host Interface
    - LPC Specification 1.1 Compatible
    - LPC I/O and Memory Cycles Decoded
    - Supports optional signals: CLKRUN#, LPCPD#, SERIRQ, SMI#, EC_SCI# (ACPI PME Event)
    - Supports 19.2 MHz to 33 MHz nominal bus clock speeds
• Configuration Register Set
    - Compatible with ISA Plug-and-Play Standard
    - EC-Programmable Base Address
• 8042 Emulated Keyboard Controller
    - 8042 Style Host Interface
    - Port 92 Legacy A20M Support
    - Fast GATEA20 & Fast CPU_RESET
• System to EC Message Interface
    - One Embedded Memory Interface
        - Host Serial or Parallel IRQ Source
        - Provides Two Windows to On-Chip SRAM for Host Access
        - Two Register Mailbox Command Interface
    - Mailbox Registers Interface
        - Thirty-two 8-Bit Scratch Registers
        - Two Register Mailbox Command Interface
        - Two Register SMI Source Interface
    - Five ACPI Embedded Controller Interfaces
        - Four EC Interfaces
        - One Power Management Interface
• MIPS32® M14K™ Microcontroller Core
    - microMIPS-Compatible Instruction Set
    - High-performance Multiply/Divide Unit
    - Programmable clock frequencies: 48MHz, 12MHz, 3MHz, and 1MHz
    - Sleep mode
    - 2-wire Debug Interface (ICSP)
        - 6 Breakpoints (4-instruction; 2-data)
        - Enhanced to Support Debug in Heavy and Deep Sleep States
• Trace FIFO Debug Port (TFDP)
(Continue ...)




Similar Part No. - MEC1404

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MEC1404-NU MICROCHIP-MEC1404-NU Datasheet
6Mb / 571P
Keyboard and Embedded Controller Products for Notebook PC
06/23/16
MEC1404-SZ MICROCHIP-MEC1404-SZ Datasheet
6Mb / 571P
Keyboard and Embedded Controller Products for Notebook PC
06/23/16
More results


Similar Description - MEC1404

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L951DG WINBOND-W83L951DG Datasheet
984Kb / 112P
Mobile Keyboard and Embedded Controller
W83L951ADG WINBOND-W83L951ADG Datasheet
1Mb / 134P
Mobile Keyboard and Embedded Controller
logo
Microchip Technology
MEC1322 MICROCHIP-MEC1322 Datasheet
5Mb / 456P
Keyboard and Embedded Controller for Notebook PC
07/14/15
MEC140X MICROCHIP-MEC140X Datasheet
6Mb / 571P
Keyboard and Embedded Controller Products for Notebook PC
06/23/16
MEC152X MICROCHIP-MEC152X Datasheet
6Mb / 570P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC170X MICROCHIP-MEC170X Datasheet
6Mb / 662P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC1725 MICROCHIP-MEC1725 Datasheet
5Mb / 721P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC152X MICROCHIP-MEC152X_V01 Datasheet
6Mb / 576P
Keyboard and Embedded Controller for Notebook PC
09/14/21
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com