Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OCXOVSTC20MHZ Datasheet (PDF) - MICORO CRYSTAL SWITZERLAND

OCXOVSTC20MHZ Datasheet PDF - MICORO CRYSTAL SWITZERLAND
Part # OCXOVSTC20MHZ
Download  OCXOVSTC20MHZ Download
File Size   311.42 Kbytes
Page   2 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description HC-MOS output Up to 54 MHz stratum 3 compliant

OCXOVSTC20MHZ Datasheet (PDF)

Go To PDF Page Download Datasheet
OCXOVSTC20MHZ Datasheet PDF - MICORO CRYSTAL SWITZERLAND

Part # OCXOVSTC20MHZ
Download  OCXOVSTC20MHZ Click to download

File Size   311.42 Kbytes
Page   2 Pages
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND
Description HC-MOS output Up to 54 MHz stratum 3 compliant

OCXOVSTC20MHZ Datasheet (HTML) - MICORO CRYSTAL SWITZERLAND




Similar Part No. - OCXOVSTC20MHZ

ManufacturerPart #DatasheetDescription
logo
MICORO CRYSTAL SWITZERL...
OCXOVST MICROCRYSTAL-OCXOVST Datasheet
77Kb / 2P
Oven Controlled Crystal Oscillator
logo
Golledge Electronics Lt...
OCXOVST GOLLEDGE-OCXOVST Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
OCXOVST GOLLEDGE-OCXOVST Datasheet
551Kb / 5P
Stratum 3 Compliant 5.0V OCXO with CMOS Output
OCXOVST/C GOLLEDGE-OCXOVST/C Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
OCXOVST/D GOLLEDGE-OCXOVST/D Datasheet
143Kb / 2P
5.0V OCXO CMOS Output Stratum 3
More results


Similar Description - OCXOVSTC20MHZ

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
C2560 VECTRON-C2560 Datasheet
210Kb / 4P
Stratum 3 Compliant Tight Stability Low Aging
logo
EUROQUARTZ limited
YH1440 EUROQUARTZ-YH1440 Datasheet
84Kb / 1P
Miniature Package - Stratum 3 Compliant
logo
MICORO CRYSTAL SWITZERL...
SCOCXO MICROCRYSTAL-SCOCXO Datasheet
325Kb / 3P
HC-MOS output Up to 54 MHz Tight stability
SCOCXOS MICROCRYSTAL-SCOCXOS Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
OCXO MICROCRYSTAL-OCXO_16 Datasheet
323Kb / 3P
HC-MOS output from 10 kHz up to 54 MHz
SCOCXO MICROCRYSTAL-SCOCXO_16 Datasheet
325Kb / 3P
HC-MOS output Up to 54 MHz Tight stability
SCOCXOH MICROCRYSTAL-SCOCXOH_17 Datasheet
329Kb / 3P
HC-MOS output 10 to 120 MHz
SCOCXOS MICROCRYSTAL-SCOCXOS_16 Datasheet
328Kb / 3P
Sine Wave Output 10 to 54 MHz Tight stability
logo
Golledge Electronics Lt...
OCXOWST GOLLEDGE-OCXOWST_18 Datasheet
551Kb / 5P
Stratum 3 Compliant 3.3V OCXO with CMOS Output
OCXOVST GOLLEDGE-OCXOVST_18 Datasheet
551Kb / 5P
Stratum 3 Compliant 5.0V OCXO with CMOS Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com