Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6986F Datasheet (PDF) - STMicroelectronics

A6986F Datasheet PDF - STMicroelectronics
Part # A6986F
Download  A6986F Download
File Size   6721.26 Kbytes
Page   72 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 38 V 1.5 A synchronous step-down switching regulator

A6986F Datasheet (PDF)

Go To PDF Page Download Datasheet
A6986F Datasheet PDF - STMicroelectronics

Part # A6986F
Download  A6986F Click to download

File Size   6721.26 Kbytes
Page   72 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 38 V 1.5 A synchronous step-down switching regulator

A6986F Datasheet (HTML) - STMicroelectronics


A6986F Product details

Description

The A6986F automotive grade device is a step down monolithic switching regulator able to deliver up to 1.5 A DC. The output voltage adjustability ranges from 0.85 V to VIN. The 100% duty cycle capability and the wide input voltage

range meet the cold crank and load dump specifications for automotive systems.



Features

 AECQ100 qualification

 1.5 A DC output current

 4 V to 38 V operating input voltage

 Low consumption mode or low noise mode

 30 µA IQ at light-load (LCM VOUT = 3.3 V)

 8 µA IQ-SHTDWN

 Adjustable fSW (250 kHz - 2 MHz)

 Fixed output voltage (3.3 V and 5 V) or adjustable from 0.85 V to VIN

 Embedded output voltage supervisor

 Synchronization

 Adjustable soft-start time

 Internal current limiting

 Overvoltage protection

 Output voltage sequencing

 Peak current mode architecture

 RDSON HS = 180 m, RDSON LS = 150 m

 Thermal shutdown



Applications

 Designed for automotive systems

 Battery powered applications

 Car body applications (LCM)

 Car audio and low noise applications (LNM)




Similar Part No. - A6986F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
A6986 STMICROELECTRONICS-A6986 Datasheet
6Mb / 67P
38 V, 2 A synchronous step-down switching regulator with 30 µA quiescent current
November 2015 Rev 6
A6986H STMICROELECTRONICS-A6986H Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
A6986H3V3 STMICROELECTRONICS-A6986H3V3 Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
A6986H3V3TR STMICROELECTRONICS-A6986H3V3TR Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
A6986H5V STMICROELECTRONICS-A6986H5V Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
More results


Similar Description - A6986F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983_08 Datasheet
966Kb / 37P
1.5 A step-down switching regulator
16-Sep-2008
ST2S08B STMICROELECTRONICS-ST2S08B Datasheet
757Kb / 18P
Dual synchronous rectification, 1.5 A, 1.5 MHz adjustable step-down switching regulator
18-May-2012
A6985F STMICROELECTRONICS-A6985F Datasheet
1Mb / 77P
38 V 500 mA synchronous step-down switching regulator
15-Apr-2015
R6986 STMICROELECTRONICS-R6986 Datasheet
2Mb / 62P
38 V, 2 A synchronous step-down switching regulator
13-May-2015
STEVAL-ISA188V1 STMICROELECTRONICS-STEVAL-ISA188V1 Datasheet
232Kb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F3V3
02-Feb-2016
STEVAL-ISA189V1 STMICROELECTRONICS-STEVAL-ISA189V1 Datasheet
231Kb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F5V
02-Feb-2016
STEVAL-ISA190V1 STMICROELECTRONICS-STEVAL-ISA190V1 Datasheet
306Kb / 5P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on A6986F
04-May-2016
A6986H STMICROELECTRONICS-A6986H Datasheet
17Mb / 71P
Automotive 38 V, 2 A synchronous step-down switching regulator with 30 μA
Rev 3 - August 2020
STEVAL-L6981CDR STMICROELECTRONICS-STEVAL-L6981CDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based 38 V, 1.5 A synchronous step-down switching regulator evaluation board based
Rev 2 - March 2021
STEVAL-L6981NDR STMICROELECTRONICS-STEVAL-L6981NDR Datasheet
1Mb / 4P
38 V, 1.5 A synchronous step-down switching regulator evaluation board based on the L6981NDR
Rev 2 - March 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com