Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet (PDF) - STMicroelectronics

L7292 Datasheet PDF - STMicroelectronics
Part # L7292
Download  L7292 Download
File Size   3456.88 Kbytes
Page   60 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Five buck regulators power management unit

L7292 Datasheet (PDF)

Go To PDF Page Download Datasheet
L7292 Datasheet PDF - STMicroelectronics

Part # L7292
Download  L7292 Click to download

File Size   3456.88 Kbytes
Page   60 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Five buck regulators power management unit

L7292 Datasheet (HTML) - STMicroelectronics


L7292 Product details

Description
The L7292 is a power management device designed for consumer applications. Five bucks provide voltages for the µController and Flash memory with efficiency up to 90% in light-load condition. The device communicates with the µController via an I2C serial interface operating at clock speeds up to 3.4 Mbit/s. The regulators operate at 1.3 MHz switching frequency and enter automatically in the PFM operation to maintain high efficiency over the entire load current range. The device can be forced into the PWM mode by writing a bit in the serial port register. Low quiescent current (e.g.: All SW reg. ON with no load Iq = 175 µA). The L7292 device has a DSM mode to reduce the quiescent current at the minimum value (1 x SW reg. ON with no load Iq = 60 µA). VQFN 5 x 5 x 0.9 40L




Similar Part No. - L7292

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L7292 HAMAMATSU-L7292 Datasheet
1Mb / 7P
The best light source is supported by the best electrode technology
More results


Similar Description - L7292

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
18730 FREESCALE-18730 Datasheet
1Mb / 38P
Power Management IC with Five Power Management IC with Five Power Management IC with Five Power Management IC with Five
logo
Texas Instruments
LM10504 TI1-LM10504 Datasheet
778Kb / 35P
Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506 Datasheet
780Kb / 35P
Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524 Datasheet
1Mb / 41P
LM10524 Triple Buck Power Management Unit
LM10506 TI1-LM10506_14 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10502 TI1-LM10502 Datasheet
932Kb / 35P
Dual Buck LDO Power Management Unit
LM10504 TI1-LM10504_15 Datasheet
1Mb / 38P
LM10504 Triple Buck LDO Power Management Unit
LM10506 TI1-LM10506_15 Datasheet
1Mb / 43P
Triple Buck LDO Power Management Unit
LM10507 TI1-LM10507 Datasheet
1Mb / 40P
LM10507 Triple Buck LDO Power Management Unit
LM10524 TI1-LM10524_15 Datasheet
1Mb / 44P
LM10524 Triple Buck Power Management Unit
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com