Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9663-1 Datasheet (PDF) - STMicroelectronics

L9663-1 Datasheet PDF - STMicroelectronics
Part # L9663-1
Download  L9663-1 Download
File Size   1391.1 Kbytes
Page   104 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PSI5 Transceiver IC

L9663-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9663-1 Datasheet PDF - STMicroelectronics

Part # L9663-1
Download  L9663-1 Click to download

File Size   1391.1 Kbytes
Page   104 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PSI5 Transceiver IC

L9663-1 Datasheet (HTML) - STMicroelectronics


L9663-1 Product details

Description
The Peripheral Sensor Interface (PSI5) is an interface for automotive sensor applications. PSI5 is an open standard based on existing sensor interfaces for peripheral sensors and offers a universal and flexible solution for multiple sensor applications. The PSI5 interface allows asynchronous or synchronous operations and different bus modes. The device is compatible with both v1.3 and v2.1 PSI5 revisions (limitations are specified inside this document). It operates with a wide range of sensor supply current and variable data word length (8 to 28 bit). The sensors are connected to the ECU using the same line for power supply and data transmission. The transceiver IC provides a preregulated voltage to the sensors and reads in the transmitted sensor data. The PSI5 interface allows either point to point connection or bussed mode. *$3*36 VFQFPN28 *$3* 36 TQFP32 (Exposed pad down)




Similar Part No. - L9663-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9663-1 STMICROELECTRONICS-L9663-1 Datasheet
1Mb / 106P
Automotive PSI5 Transceiver IC
05-Apr-2024
More results


Similar Description - L9663-1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
B10011S ATMEL-B10011S Datasheet
127Kb / 11P
CAN TRANSCEIVER IC
B10011S ATMEL-B10011S_07 Datasheet
258Kb / 12P
Can Transceiver IC
logo
Freescale Semiconductor...
MMA52XXWR2 FREESCALE-MMA52XXWR2 Datasheet
1Mb / 61P
PSI5 Inertial Sensor
MMA51XXKW FREESCALE-MMA51XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
MMA52XXKW FREESCALE-MMA52XXKW Datasheet
1Mb / 55P
PSI5 Inertial Sensor
MMA52XXAKW FREESCALE-MMA52XXAKW Datasheet
472Kb / 35P
Xtrinsic MMA52xxAKW PSI5 Inertial Sensor
logo
ELMOS Semiconductor AG
E521.40 ELMOS-E521.40 Datasheet
1Mb / 84P
Transceiver compliant with PSI5 standard v1.3 and v2.1
E521.41 ELMOS-E521.41 Datasheet
1Mb / 89P
Transceiver compliant with PSI5 standard v1.3 and v2.1
logo
NXP Semiconductors
MMA51XXL NXP-MMA51XXL Datasheet
897Kb / 59P
MMA51xxL, PSI5 Inertial Sensor
Rev. 5.0, 01/2017
MMA52XXKW NXP-MMA52XXKW Datasheet
1Mb / 58P
Xtrinsic MMA52xxKW PSI5 Inertial Sensor
Rev. 11, 08/2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com